Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICS8714004I Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8714004I
Description  Output frequency range
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8714004I Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8714004I Datasheet HTML 1Page - Integrated Device Technology ICS8714004I Datasheet HTML 2Page - Integrated Device Technology ICS8714004I Datasheet HTML 3Page - Integrated Device Technology ICS8714004I Datasheet HTML 4Page - Integrated Device Technology ICS8714004I Datasheet HTML 5Page - Integrated Device Technology ICS8714004I Datasheet HTML 6Page - Integrated Device Technology ICS8714004I Datasheet HTML 7Page - Integrated Device Technology ICS8714004I Datasheet HTML 8Page - Integrated Device Technology ICS8714004I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ICS8714004DKI REVISION A MARCH 24, 2014
5
©2014 Integrated Device Technology, Inc.
ICS8714004I Data Sheet
FemtoCLock® Zero Delay Buffer/Clock Generator for PCI Express™ and Ethernet
Function Tables
Table 3A. Common Configuration Table NOTE 1
NOTE 1: This table shows common configurations and is not exhaustive. When using alternate configurations, the user must ensure the VCO
frequency is always within its range of 490MHz – 660MHz.
Table 3B. Output Enable Truth Table
Table 3C. Feedback Input Divider Control Table
Table 3D. Feedback Output Divider Control Table
Table 3E. Input Divide Select Control Table
Table 3F. Output Divider Control Control Table
Input
Frequency
Output
Frequency
Application
Frequency
Mult. Factor
PDIV
FBI_DIV
FBO_DIV
QDIVx
100MHz
100MHz
PCIe Buffer
1
÷1
÷1
÷5
÷5
125MHz
125MHz
PCIe, Ethernet Buffer
1
÷1
÷1
÷4
÷4
100MHz
125MHz
PCIe Multiplier
5/4
÷1
÷1
÷5
÷4
125MHz
100MHz
PCIe Divider
4/5
÷1
÷1
÷4
÷5
25MHz
100MHz
PCIe Multiplier
4
÷1
÷4
÷5
÷5
25MHz
125MHz
PCIe, Ethernet Multiplier
5
÷1
÷4
÷5
÷4
25MHz
156.25MHz
XAUI Multiplier
25/4
÷1
÷5
÷5
÷4
62.5MHz
125MHz
Ethernet Multiplier
2
÷1
÷2
÷4
÷4
53.125MHz
106.25MHz
Fibre Channel Multiplier
2
÷1
÷2
÷5
÷5
Inputs
Output State
OE1
OE0
Q0, nQ0
Q1, nQ1
Q2, nQ2
Q3, nQ3
0
0
Q0, nQ0 switching
Disabled
(High Impedance)
Disabled
(High Impedance)
Disabled
(High Impedance)
0
1
Q0, nQ0 switching
Q1, nQ1 switching
Disabled
(High Impedance)
Disabled
(High Impedance)
1
0
Q0, nQ0 switching
Q1, nQ1 switching
Q2, nQ2 switching
Disabled
(High Impedance)
1(default)
1(default)
Q0, nQ0 switching
Q1, nQ1 switching
Q2, nQ2 switching
Q3, nQ3 switching
Inputs
Feedback Input Divider Values
FBI_DIV1
FBI_DIV0
00
÷1
01
÷2
10
÷4
1
1
÷5 (default)
Inputs
Feedback Output Divider Value
FBO_DIV
0
÷4 (default)
1÷5
Inputs
Input Divider Values
PDIV1
PDIV0
0
0
÷4 (default)
01
÷5
10
÷8
11
÷1
Inputs
Output Divider Value
QDIV[3:0]
0
÷4 (default)
1÷5


Similar Part No. - ICS8714004I

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
   FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results

Similar Description - ICS8714004I

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Analog Devices
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com