Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ICS8714004I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS8714004I
Description  Output frequency range
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8714004I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS8714004I Datasheet HTML 1Page - Integrated Device Technology ICS8714004I Datasheet HTML 2Page - Integrated Device Technology ICS8714004I Datasheet HTML 3Page - Integrated Device Technology ICS8714004I Datasheet HTML 4Page - Integrated Device Technology ICS8714004I Datasheet HTML 5Page - Integrated Device Technology ICS8714004I Datasheet HTML 6Page - Integrated Device Technology ICS8714004I Datasheet HTML 7Page - Integrated Device Technology ICS8714004I Datasheet HTML 8Page - Integrated Device Technology ICS8714004I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DATA SHEET
ICS8714004DKI REVISION A MARCH 24, 2014
1
©2014 Integrated Device Technology, Inc.
FemtoClock® Zero Delay Buffer/ Clock
Generator for PCI Expressand Ethernet
ICS8714004I
General Description
The ICS8714004I is Zero-Delay Buffer/Frequency Multiplier with four
differential HCSL output pairs, and uses external feedback
(differential feedback input and output pairs) for “zero delay” clock
regeneration. In PCI Express and Ethernet applications, 100MHz
and 125MHz are the most commonly used reference clock
frequencies and each of the four output pairs can be independently
set for either 100MHz or 125MHz. With an output frequency range of
98MHz to 165MHz, the device is also suitable for use in a variety of
other applications such as Fibre Channel (106.25MHz) and XAUI
(156.25MHz). The M-LVDS Input/Output pair is useful in backplane
applications when the reference clock can either be local (on the
same board as the ICS8714004I) or remote via a backplane
connector. In output mode, an input from a local reference clock
applied to the CLK, nCLK input pins is translated to M-LVDS and
driven out to the MLVDS, nMLVDS pins. In input mode, the internal
M-LVDS driver is placed in a High-Impedance state using the
OE_MLVDS pin and MLVDS, nMLVDS pin then becomes an input
(e.g. from a backplane).
The ICS8714004I uses low phase noise FemtoClock technology,
thus making it ideal for such applications as PCI Express Generation
1, 2 and 3 as well as for Gigabit Ethernet, Fibre Channel, and 10
Gigabit Ethernet. It is packaged in a 40-VFQFN package (6mm x
6mm).
Features
Four 0.7V differential HCSL output pairs, individually selectable
for 100MHz or 125MHz for PCIe and Ethernet applications
One differential clock input pair CLK, nCLK can accept the
following differential input levels: LVPECL, LVDS, M-LVDS,
LVHSTL, HCSL
One M-LVDS I/O pair (MLVDS, nMLVDS)
Output frequency range: 98MHz - 165MHz
Input frequency range: 19.6MHz - 165MHz
VCO range: 490MHz - 660MHz
PCI Express (2.5 Gb/s), Gen 2 (5 Gb/s), and Gen 3 (8 Gb/s)
jitter compliant
External feedback for “zero delay” clock regeneration
RMS phase jitter @ 125MHz (1.875MHz – 20MHz):
0.558ps (typical)
Full 3.3V supply mode
-40°C to 85°C ambient operating temperature
Lead-free (RoHs 6) packaging
Pin Assignment
11 12 13 14 15 16 17 18 19 20
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
OE_MLVDS
VDD
MLVDS
nMLVDS
PLL_SEL
FBO_DIV
MR
OE0
OE1
GND
VDD
Q2
nQ2
GND
Q3
nQ3
FBOUT
nFBOUT
VDD
IREF
40 39 38 37 36 35 34 33 32 31
ICS8714004I
40-Lead VFQFN
6mm x 6mm x 0.925mm package body
4.65mm x 4.65mm Epad Size
K Package
Top View


Similar Part No. - ICS8714004I

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
ICS8714004I RENESAS-ICS8714004I Datasheet
644Kb / 32P
   FemtoClock® Zero Delay Buffer/ Clock Generator for PCI Express™ and Ethernet
2019
More results

Similar Description - ICS8714004I

ManufacturerPart #DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
Analog Devices
Analog Devices
HMC1161 AD-HMC1161 Datasheet
327Kb / 12P
   Dual output frequency range
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
Kyocera Kinseki Corpotation
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
Integrated Device Technology
Integrated Device Techn...
XUH IDT-XUH Datasheet
255Kb / 12P
   Frequency range
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com