Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG060V050EPD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG060V050EPD
Description  60 V, 5 A low VF MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG060V050EPD Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG060V050EPD_15 Datasheet HTML 1Page - NXP Semiconductors PMEG060V050EPD_15 Datasheet HTML 2Page - NXP Semiconductors PMEG060V050EPD_15 Datasheet HTML 3Page - NXP Semiconductors PMEG060V050EPD_15 Datasheet HTML 4Page - NXP Semiconductors PMEG060V050EPD_15 Datasheet HTML 5Page - NXP Semiconductors PMEG060V050EPD_15 Datasheet HTML 6Page - NXP Semiconductors PMEG060V050EPD_15 Datasheet HTML 7Page - NXP Semiconductors PMEG060V050EPD_15 Datasheet HTML 8Page - NXP Semiconductors PMEG060V050EPD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NXP Semiconductors
PMEG060V050EPD
60 V, 5 A low VF MEGA Schottky barrier rectifier
PMEG060V050EPD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
22 January 2015
5 / 15
aaa-015001
tp (s)
10-3
102
103
10
1
10-2
10-1
10
1
102
Zth(j-a)
(K/W)
10-1
duty cycle = 1
0
0.25
0.2
0.1
0.05
0.02
0.01
0.75
0.5
0.33
FR4 PCB, mounting pad for cathode 1 cm2
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-015002
tp (s)
10-3
102
103
10
1
10-2
10-1
10
1
102
Zth(j-a)
(K/W)
10-1
duty cycle = 1
0
0.25
0.2
0.1
0.05
0.02
0.01
0.75
0.5
0.33
Ceramic PCB, Al2O3, standard footprint
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values


Similar Part No. - PMEG060V050EPD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG060V050EPDZ NEXPERIA-PMEG060V050EPDZ Datasheet
714Kb / 15P
   60 V, 5 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG060V050EPD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG060V050EPD NEXPERIA-PMEG060V050EPD Datasheet
714Kb / 15P
   60 V, 5 A low VF MEGA Schottky barrier rectifier
PMEG6010CEGW NEXPERIA-PMEG6010CEGW Datasheet
686Kb / 12P
   60 V, 1 A Low VF MEGA Schottky barrier rectifier
PMEG6020EPAS NEXPERIA-PMEG6020EPAS Datasheet
713Kb / 15P
   60 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG6010AESB NEXPERIA-PMEG6010AESB Datasheet
699Kb / 15P
   60 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG6010ESB NEXPERIA-PMEG6010ESB Datasheet
743Kb / 15P
   60 V, 1 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG060V100EPD PHILIPS-PMEG060V100EPD_15 Datasheet
234Kb / 15P
   60 V, 10 A low VF MEGA Schottky barrier rectifier
22 January 2015
logo
Nexperia B.V. All right...
PMEG060V030EPD NEXPERIA-PMEG060V030EPD Datasheet
708Kb / 13P
   60 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG6002ELD NEXPERIA-PMEG6002ELD Datasheet
704Kb / 14P
   60 V, 0.2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG6020EPAS PHILIPS-PMEG6020EPAS_15 Datasheet
231Kb / 15P
   60 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG060V100EPD NEXPERIA-PMEG060V100EPD Datasheet
719Kb / 15P
   60 V, 10 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com