Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


MAX525 Datasheet(HTML) 1 Page - Maxim Integrated Products

Part No. MAX525
Description  Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX525 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
__________________General Description
The MAX525 combines four low-power, voltage-output,
12-bit digital-to-analog converters (DACs) and four pre-
cision output amplifiers in a space-saving, 20-pin pack-
age. In addition to the four voltage outputs, each
amplifier’s negative input is also available to the user.
This facilitates specific gain configurations, remote
sensing, and high output drive capacity, making the
MAX525 ideal for industrial-process-control applica-
tions. Other features include software shutdown, hard-
ware shutdown lockout, an active-low reset which clears
all registers and DACs to zero, a user-programmable
logic output, and a serial-data output.
Each DAC has a double-buffered input organized as an
input register followed by a DAC register. A 16-bit serial
word loads data into each input/DAC register. The serial
interface is compatible with SPI™/QSPI™ and
Microwire™. It allows the input and DAC registers to be
updated independently or simultaneously with a single
software command. The DAC registers can be simulta-
neously updated via the 3-wire serial interface. All logic
inputs are TTL/CMOS-logic compatible.
________________________Applications
Industrial Process Controls
Automatic Test Equipment
Digital Offset and Gain Adjustment
Motion Control
Remote Industrial Controls
Microprocessor-Controlled Systems
______________________________Features
o Four 12-Bit DACs with Configurable
Output Amplifiers
o +5V Single-Supply Operation
o Low Supply Current: 0.85mA Normal Operation
10µA Shutdown Mode
o Available in 20-Pin SSOP
o Power-On Reset Clears all Registers and
DACs to Zero
o Capable of Recalling Last State Prior to Shutdown
o SPI/QSPI and Microwire Compatible
o Simultaneous or Independent Control of DACs
via 3-Wire Serial Interface
o User-Programmable Digital Output
Low-Power, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
________________________________________________________________
Maxim Integrated Products
1
MAX525
OUTA
FBA
FBB
FBC
FBD
DAC A
DAC B
DAC C
DAC D
REFAB
DAC
REGISTER A
DECODE
CONTROL
INPUT
REGISTER A
DAC
REGISTER B
INPUT
REGISTER B
DAC
REGISTER C
INPUT
REGISTER C
DAC
REGISTER D
INPUT
REGISTER D
16-BIT
SHIFT
REGISTER
SR
CONTROL
LOGIC
OUTPUT
CS DIN SCLK
OUTB
OUTC
OUTD
DOUT
PDL
CL
VDD
AGND
DGND
UPO
REFCD
_________________________________________________________________________Functional Diagram
19-1098; Rev 1; 12/96
PART
MAX525ACPP
MAX525BCPP
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 Plastic DIP
20 Plastic DIP
_________________Ordering Information
Ordering Information continued on last page.
Pin Configuration appears at end of data sheet.
INL
(LSB)
±1/2
±1
SPI and QSPI are trademarks of Motorola, Inc. Microwire is a trademark of National Semiconductor Corp.
MAX525ACAP
MAX525BCAP
0°C to +70°C
0°C to +70°C
20 SSOP
20 SSOP
±1/2
±1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn