Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


MAX525 Datasheet(HTML) 4 Page - Maxim Integrated Products

Part No. MAX525
Description  Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX525 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 page
background image
70
1000
950
900
850
800
750
700
650
600
550
500
-55 -40 -20
0
20
40
60
80 100 120
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
CODE = FFF hex
-0.5
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
REFERENCE VOLTAGE (V)
4.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
RL = 5kΩ
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE
0
-4
-8
-12
-16
-20
0
500k
1M
1.5M
2M
2.5M
3M
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (Hz)
REFAB SWEPT 0.67Vp-p
RL = 5kΩ
CL = 100pF
__________________________________________Typical Operating Characteristics
(VDD = +5V, TA = +25°C, unless otherwise noted.)
Low-Power, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±10%, AGND = DGND = 0V, REFAB = REFCD = 2.5V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C. Output buffer connected in unity-gain configuration (Figure 9).)
CONDITIONS
tD02
SCLK Fall to DOUT Valid
Propagation Delay
tD01
SCLK Rise to DOUT Valid
Propagation Delay
ns
100
tCP
SCLK Clock Period
ns
0
tDH
DIN Hold Time
ns
40
tDS
DIN Setup Time
ns
0
tCSH
SCLK Rise to CS Rise Hold Time
ns
40
tCSS
CS Fall to SCLK Rise Setup Time
ns
40
tCH
SCLK Pulse Width High
ns
40
tCL
SCLK Pulse Width Low
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
100
tCSW
CS Pulse Width High
ns
40
tCS1
CS Rise to SCLK Rise Hold Time
ns
40
tCS0
SCLK Rise to CS Fall Delay
CLOAD = 200pF
CLOAD = 200pF
80
80
TIMING CHARACTERISTICS (Figure 6)
ns
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn