Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2010BELD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMEG2010BELD
Description  20 V, 1 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2010BELD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMEG2010BELD_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 9Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 10Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 11Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 12Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 13Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NXP Semiconductors
PMEG2010BELD
20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010BELD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
4 August 2015
10 / 14
11.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
12. Package outline
12-05-01
Dimensions in mm
0.65
0.30
0.22
0.30
0.22
0.55
0.45
0.65
0.55
0.4
max
1.05
0.95
2
cathode marking on top side (if applicable)
1
Fig. 17. Package outline DFN1006D-2 (SOD882D)
13. Soldering
solder lands
solder resist
solder paste
sod882d_fr
Dimensions in mm
1.4
0.2
0.3
0.4
1
1.3
0.8
(2×)
0.6
(2×)
0.7
(2×)
Fig. 18. Reflow soldering footprint for DFN1006D-2 (SOD882D)


Similar Part No. - PMEG2010BELD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
More results

Similar Description - PMEG2010BELD_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EPAS PHILIPS-PMEG2010EPAS_15 Datasheet
231Kb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
logo
NXP Semiconductors
PMEG2010EPK PHILIPS-PMEG2010EPK Datasheet
1Mb / 13P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 January 2012
logo
Nexperia B.V. All right...
PMEG2010EPAS NEXPERIA-PMEG2010EPAS Datasheet
713Kb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010AEB NEXPERIA-PMEG2010AEB Datasheet
208Kb / 8P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
1 October 2022
logo
NXP Semiconductors
PMEG2010EPK PHILIPS-PMEG2010EPK_15 Datasheet
1Mb / 14P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
logo
Nexperia B.V. All right...
PMEG2010AEB-Q NEXPERIA-PMEG2010AEB-Q Datasheet
182Kb / 10P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
25 October 2021
PMEG2010EPK NEXPERIA-PMEG2010EPK Datasheet
1Mb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
logo
NXP Semiconductors
PMEG2010BELD NXP-PMEG2010BELD Datasheet
966Kb / 14P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-18 April 2012
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com