Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


MAX5253 Datasheet(HTML) 2 Page - Maxim Integrated Products

Part No. MAX5253
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5253 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 page
background image
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3.0V to +3.6V, AGND = DGND = 0V, REFAB = REFCD = 1.25V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C. Output buffer connected in unity-gain configuration (Figure 9).)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND...............................................................-0.3V, +6V
VDD to DGND ..............................................................-0.3V, +6V
AGND to DGND ..................................................................±0.3V
REFAB, REFCD to AGND ...........................-0.3V to (VDD + 0.3V)
OUT_, FB_ to AGND...................................-0.3V to (VDD + 0.3V)
Digital Inputs to DGND.............................................-0.3V to +6V
DOUT, UPO to DGND ................................-0.3V to (VDD + 0.3V)
Continuous Current into Any Pin.......................................±20mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 8.00mW/°C above +70°C) .................640mW
SSOP (derate 8.00mW/°C above +70°C) ......................640mW
CERDIP (derate 11.11mW/°C above +70°C) .................889mW
Operating Temperature Ranges
MAX5253_C_P ......................................................0°C to +70°C
MAX5253_E_P ...................................................-40°C to +85°C
MAX5253BMJP ................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Code-dependent, minimum at code 555 hex
VDD = +3.0V to +3.6V
Guaranteed monotonic
CONDITIONS
k
10
RREF
Reference Input Resistance
V
0VDD - 1.4
VREF
Reference Input Range
LSB
±0.35
±1.0
INL
Integral Nonlinearity
mV
Offset Error
±1.0
±6.0
LSB
±4.0
GE
Gain Error
µV/V
PSRR
Power-Supply Rejection Ratio
300
±0.25
±0.5
Bits
12
N
Resolution
ppm/°C
1
Gain-Error Tempco
LSB
GE
Gain Error (Note 1)
±4.0
ppm/°C
6
Offset-Error Tempco
LSB
±1.0
INL
Integral Nonlinearity
(Note 1)
LSB
±1.0
DNL
Differential Nonlinearity
±6.0
mV
VOS
Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX5253BC/E
STATIC PERFORMANCE—ANALOG SECTION
MATCHING PERFORMANCE (TA = +25°C)
REFERENCE INPUT
MAX5253AC/E
MAX5253BMJP
±2.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn