Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


MAX5253 Datasheet(HTML) 5 Page - Maxim Integrated Products

Part No. MAX5253
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5253 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 page
background image
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
_______________________________________________________________________________________
5
2.7 2.8
3.0
2.9
3.1 3.2 3.3 3.4
3.6
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
1000
950
900
850
800
750
700
600
650
500
550
CODE = FFF hex
0
-10
0.01
0.1
1
10
100
FULL-SCALE ERROR
vs. LOAD
-7
LOAD (k
Ω)
-3
-4
-5
-6
-8
-9
-2
-1
____________________________Typical Operating Characteristics (continued)
(VDD = +3.3V, TA = +25°C, unless otherwise noted.)
0.50
0
0.1
1
10
100
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. LOAD
0.05
0.10
0.15
0.20
0.25
0.30
FREQUENCY (kHz)
0.35
0.40
0.45
DAC CODE = ALL 1s
REFAB = 1Vp-p
RL = 5kΩ
CL = 100pF
-100
0.5
1.6
3.8
OUTPUT FFT PLOT
-60
0
FREQUENCY (kHz)
2.7
4.9
6.0
-20
-40
-80
VREF = 1kHz, 0.006V TO 1.6V
RL = 5kΩ
CL = 100pF
-100
0.5
1.2
2.6
REFERENCE FEEDTHROUGH
AT 1kHz
-60
0
FREQUENCY (kHz)
1.9
3.3
4.0
-20
-40
-80
REFAB INPUT SIGNAL
VREF = 1.6Vp-p @ 1kHz
RL = 5kΩ
CL = 100pF
OUTA FEEDTHROUGH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn