Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5253 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5253
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5253 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5253 Datasheet HTML 2Page - Maxim Integrated Products MAX5253 Datasheet HTML 3Page - Maxim Integrated Products MAX5253 Datasheet HTML 4Page - Maxim Integrated Products MAX5253 Datasheet HTML 5Page - Maxim Integrated Products MAX5253 Datasheet HTML 6Page - Maxim Integrated Products MAX5253 Datasheet HTML 7Page - Maxim Integrated Products MAX5253 Datasheet HTML 8Page - Maxim Integrated Products MAX5253 Datasheet HTML 9Page - Maxim Integrated Products MAX5253 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
10
µs/div
MAJOR-CARRY TRANSITION
MAX5253-07
OUTB,
AC COUPLED
50mV/div
CS
5V/div
VREF = 1.25V, RL = 5kΩ, CL = 100pF
2
µs/div
OUTA,
AC COUPLED
10mV/div
DIGITAL FEEDTHROUGH (SCLK = 100kHz)
MAX5253-08
SCLK,
2V/div
CS = PDL = CL = 3.3V, DIN = 0V
DAC A CODE SET TO 800 hex
VREF = 1.25V, RL = 5kΩ, CL = 100pF
DAC A CODE SWITCHING FROM 00B hex TO FFF hex
DAC B CODE SET TO 800 hex
10
µs/div
GND
OUTB,
AC COUPLED
10mV/div
ANALOG CROSSTALK
MAX5253-12
OUTA,
500mV/div
VREF = 1.25V, RL = 5kΩ, CL = 100pF
SWITCHING FROM CODE 000 hex TO FB4 hex
OUTPUT AMPLIFIER GAIN = +2.6
10
µs/div
DYNAMIC RESPONSE
MAX5253-13
OUTA,
500mV/div
VREF = 1.25V, RL = 5kΩ, CL = 100pF
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VDD = +3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5253

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253ACAP MAXIM-MAX5253ACAP Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5253ACPP MAXIM-MAX5253ACPP Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5253BCAP MAXIM-MAX5253BCAP Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5253BCPP MAXIM-MAX5253BCPP Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results

Similar Description - MAX5253

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
   Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
logo
Wolfson Microelectronic...
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
   3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com