Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2015EA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG2015EA
Description  Low VF (MEGA) Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2015EA Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG2015EA_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2015EA_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2015EA_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2015EA_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2015EA_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2015EA_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2015EA_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2004 Feb 03
4
NXP Semiconductors
Product data sheet
Low VF (MEGA) Schottky barrier diode
PMEG2015EA
GRAPHICAL DATA
handbook, halfpage
0.6
0.4
0.2
0
IF
(mA)
VF (V)
104
103
102
10
1
10−1
MLE111
(1)
(3)
(2)
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
25
0
510
15
IR
(
μA)
20
VR (V)
105
104
103
102
10
1
MHC312
(1)
(2)
(3)
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
05
Cd
(pF)
10
20
80
60
20
0
40
15
VR (V)
MHC313
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
Tamb = 25 °C; f = 1 MHz.


Similar Part No. - PMEG2015EA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2015EA PHILIPS-PMEG2015EA Datasheet
56Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 03
PMEG2015EA NXP-PMEG2015EA Datasheet
110Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 03
logo
Nexperia B.V. All right...
PMEG2015EA NEXPERIA-PMEG2015EA Datasheet
280Kb / 8P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 03
More results

Similar Description - PMEG2015EA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EA PHILIPS-PMEG2010EA_15 Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
PMEG2010EV PHILIPS-PMEG2010EV_15 Datasheet
106Kb / 7P
   Low VF MEGA Schottky barrier diode
2003 Aug 20
PMEG3002AEB PHILIPS-PMEG3002AEB_15 Datasheet
102Kb / 7P
   Low VF MEGA Schottky barrier diode
2002 May 06
PMEG2015EV NXP-PMEG2015EV Datasheet
112Kb / 7P
   Low VF MEGA Schottky barrier diode
2003 Jun 03
PMEG3002AEB NXP-PMEG3002AEB Datasheet
102Kb / 7P
   Low VF MEGA Schottky barrier diode
2002 May 06
logo
Nexperia B.V. All right...
PMEG3002AEB NEXPERIA-PMEG3002AEB Datasheet
263Kb / 8P
   Low VF MEGA Schottky barrier diode
2002 May 06
PMEG2010EA NEXPERIA-PMEG2010EA Datasheet
271Kb / 8P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
logo
NXP Semiconductors
PMEG2015EA PHILIPS-PMEG2015EA Datasheet
56Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 03
PMEG3002AEB PHILIPS-PMEG3002AEB Datasheet
50Kb / 8P
   Low VF MEGA Schottky barrier diode
2002 May 06
PMEG6010AED NXP-PMEG6010AED Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2003 Jun 27
PMEG2010EA NXP-PMEG2010EA Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com