Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2020CPAS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG2020CPAS
Description  20 V, 2 A low VF dual MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2020CPAS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG2020CPAS_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 9Page - NXP Semiconductors PMEG2020CPAS_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NXP Semiconductors
PMEG2020CPAS
20 V, 2 A low VF dual MEGA Schottky barrier rectifier
PMEG2020CPAS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
20 January 2015
6 / 15
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
V(BR)R
reverse breakdown
voltage
IR = 5 mA; Tj = 25 °C; tp = 300 µs;
δ = 0.02; pulsed
20
-
-
V
IF = 100 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C; pulsed
-
220
-
mV
IF = 1 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C; pulsed
-
320
360
mV
VF
forward voltage
IF = 2 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C; pulsed
-
385
420
mV
VR = 10 V; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C; pulsed
-
160
-
µA
IR
reverse current
VR = 20 V; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C; pulsed
-
380
1000
µA
VR = 1 V; f = 1 MHz; Tj = 25 °C
-
175
-
pF
Cd
diode capacitance
VR = 10 V; f = 1 MHz; Tj = 25 °C
-
65
-
pF
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tj = 25 °C
-
55
-
ns
006aac406
VF (V)
0.0
0.6
0.4
0.2
10- 2
10- 3
1
10- 1
10
IF
(A)
10- 4
(1)
(2)
(3)
(4)
(5)
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj = 85 °C
(4) Tj = 25 °C
(5) Tj = −40 °C
Fig. 4. Forward current as a function of forward
voltage; typical values
006aac407
IR
(A)
10- 4
10- 6
10- 5
10- 1
10- 2
10- 3
1
10- 7
VR (V)
0
20
12
16
4
8
(1)
(2)
(3)
(4)
(1) Tj = 125 °C
(2) Tj = 85 °C
(3) Tj = 25 °C
(4) Tj = −40 °C
Fig. 5. Reverse current as a function of reverse
voltage; typical values


Similar Part No. - PMEG2020CPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2020CPAS NEXPERIA-PMEG2020CPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF dual MEGA Schottky barrier rectifier
More results

Similar Description - PMEG2020CPAS_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2020CPAS NEXPERIA-PMEG2020CPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF dual MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2020EPK PHILIPS-PMEG2020EPK_15 Datasheet
209Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
10 February 2014
PMEG2020EPAS PHILIPS-PMEG2020EPAS_15 Datasheet
230Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2020EPK NEXPERIA-PMEG2020EPK Datasheet
701Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG2020EPAS NEXPERIA-PMEG2020EPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2020CPA NXP-PMEG2020CPA Datasheet
333Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-5 August 2010
PMEG3020CPA PHILIPS-PMEG3020CPA_15 Datasheet
346Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-24 August 2010
logo
Nexperia B.V. All right...
PMEG2020CPA NEXPERIA-PMEG2020CPA Datasheet
432Kb / 16P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1 - 5 August 2010
logo
NXP Semiconductors
PMEG2020CPA PHILIPS-PMEG2020CPA_15 Datasheet
333Kb / 15P
   2 A low VF dual MEGA Schottky barrier rectifier
Rev. 1-5 August 2010
logo
Nexperia B.V. All right...
PMEG3020CPA NEXPERIA-PMEG3020CPA Datasheet
446Kb / 16P
   2 A low VF dual MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com