Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


MAX5302 Datasheet(HTML) 1 Page - Maxim Integrated Products

Part No. MAX5302
Description  Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5302 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
__________________General Description
The MAX5302 combines a low-power, voltage-output,
12-bit digital-to-analog converter (DAC) and a precision
output amplifier in an 8-pin µMAX package. It operates
from a single +5V supply, drawing less than 280µA of
supply current.
The output amplifier’s inverting input is available to the
user, allowing specific gain configurations, remote sens-
ing, and high output current capability. This makes the
MAX5302 ideal for a wide range of applications, includ-
ing industrial process control. Other features include a
software shutdown and power-on reset.
The serial interface is SPI™/QSPI™/MICROWIRE™ com-
patible. The DAC has a double-buffered input, organized
as an input register followed by a DAC register. A 16-bit
serial word loads data into the input register. The DAC
register can be updated independently or simultaneously
with the input register. All logic inputs are TTL/CMOS-
logic compatible and buffered with Schmitt triggers to
allow direct interfacing to optocouplers.
Applications
Industrial Process Control
Automatic Test Equipment
Digital Offset and Gain Adjustment
Motion Control
Remote Industrial Control
Microprocessor-Controlled Systems
Features
o 12-Bit DAC with Configurable Output Amplifier
o +5V Single-Supply Operation
o Low Supply Current: 0.28mA Normal Operation
2µA Shutdown Mode
o Available in 8-Pin µMAX
o Power-On Reset Clears DAC Output to Zero
o SPI/QSPI/MICROWIRE Compatible
o Schmitt-Trigger Digital Inputs for Direct
Optocoupler Interface
Low-Power, 12-Bit Voltage-Output DAC
with Serial Interface
________________________________________________________________ Maxim Integrated Products
1
MAX5302
OUT
FB
CS
DIN
SCLK
DAC
REF
DAC
REGISTER
INPUT
REGISTER
CONTROL
VDD
GND
16-BIT
SHIFT
REGISTER
Functional Diagram
Pin Configuration
19-1559; Rev 0; 10/99
Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
8 µMAX
8 µMAX
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
-40°C to +85°C
MAX5302EUA
MAX5302CUA
PART
REF
DIN
FB
SCLK
1
2
8
7
VDD
GND
CS
OUT
MAX5302
µMAX
TOP VIEW
3
4
6
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn