Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNM57214SE Datasheet(PDF) 3 Page - International Rectifier

Part # IRHNM57214SE
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNM57214SE Datasheet(HTML) 3 Page - International Rectifier

  IRHNM57214SE_15 Datasheet HTML 1Page - International Rectifier IRHNM57214SE_15 Datasheet HTML 2Page - International Rectifier IRHNM57214SE_15 Datasheet HTML 3Page - International Rectifier IRHNM57214SE_15 Datasheet HTML 4Page - International Rectifier IRHNM57214SE_15 Datasheet HTML 5Page - International Rectifier IRHNM57214SE_15 Datasheet HTML 6Page - International Rectifier IRHNM57214SE_15 Datasheet HTML 7Page - International Rectifier IRHNM57214SE_15 Datasheet HTML 8Page - International Rectifier IRHNM57214SE_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
IRHNM57214SE
Pre-Irradiation
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capabil-
ity. The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Fig a. Typical Single Event Effect, Safe Operating Area
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation
Parameter
Up to 100K Rads (Si)
Units
Test Conditions
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
250
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
10
µA
VDS = 200V, VGS = 0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-3)
1.7
VGS = 12V, ID = 2.4A
RDS(on)
Static Drain-to-Source On-state
„
VSD
Diode Forward Voltage
„
1.0
V
VGS = 0V, ID = 3.7A
Resistance (SMD-0.2)
1.7
VGS = 12V, ID = 2.4A
…†
Radiation Characteristics
Ion
LET
Energy
Range
V
DS (V)
(MeV/(mg/cm2))
(MeV)
(µm)
@V
GS=0V @VGS=-5V
@V
GS=-10V
@V
GS=-15V
@V
GS=-20V
Br
36.7
309
39.5
250
250
250
250
250
I
59.8
341
32.5
250
250
250
250
240
Au
82.3
350
28.4
250
250
225
175
50
Table 2. Typical Single Event Effect Safe Operating Area
0
50
100
150
200
250
300
0
-5
-10
-15
-20
VGS
Br
I
Au


Similar Part No. - IRHNM57214SE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
IRHNM57110 IRF-IRHNM57110 Datasheet
219Kb / 10P
   Simple Drive Requirements
IRHNM57110 IRF-IRHNM57110_15 Datasheet
219Kb / 10P
   Simple Drive Requirements
More results

Similar Description - IRHNM57214SE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com