Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNM597110 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHNM597110
Description  Simple Drive Requirements
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNM597110 Datasheet(HTML) 1 Page - International Rectifier

  IRHNM597110 Datasheet HTML 1Page - International Rectifier IRHNM597110 Datasheet HTML 2Page - International Rectifier IRHNM597110 Datasheet HTML 3Page - International Rectifier IRHNM597110 Datasheet HTML 4Page - International Rectifier IRHNM597110 Datasheet HTML 5Page - International Rectifier IRHNM597110 Datasheet HTML 6Page - International Rectifier IRHNM597110 Datasheet HTML 7Page - International Rectifier IRHNM597110 Datasheet HTML 8Page - International Rectifier IRHNM597110 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -12V, TC = 25°C Continuous Drain Current
-3.1
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-2.0
IDM
Pulsed Drain Current

-12.4
PD @ TC = 25°C
Max. Power Dissipation
23
W
Linear Derating Factor
0.18
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
‚
28
mJ
IAR
Avalanche Current

-3.1
A
EAR
Repetitive Avalanche Energy

2.3
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
-21
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (for 5s)
Weight
0.25 (Typical)
g
°C
A
09/03/10
www.irf.com
1
For footnotes refer to the last page
Pre-Irradiation
SMD-0.2
(METAL LID)
RADIATION HARDENED
JANSR2N7506U8
POWER MOSFET
100V, P-CHANNEL
SURFACE MOUNT (SMD-0.2)
REF: MIL-PRF-19500/749
TECHNOLOGY
IRHNM597110
Refer to Page 10 for 1 Additional Part Number -
IRHNMC597110 (Ceramic Lid)
5
5
International Rectifier’s R5TM technology provides high
performance power MOSFETs for space applications. These
devices have been characterized for Single Event Effects
(SEE) with useful performance up to an LET of 80 (MeV/
(mg/cm2)). The combination of low RDS(on) and low gate
charge reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages of
MOSFETs such as voltage control, fast switching, ease of
paralleling and temperature stability of electrical parameters.
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Surface Mount
n Ceramic Package
n Light Weight
n
Complimentary N-Channel Available -
IRHNM57110, IRHNMC57110
Part Number
Radiation Level RDS(on)
ID
QPL Part Number
IRHNM597110
100K Rads (Si)
1.2
-3.1A JANSR2N7506U8
IRHNM593110
300K Rads (Si)
1.2
-3.1A JANSF2N7506U8
Product Summary
PD-97179B


Similar Part No. - IRHNM597110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNM597110 IRF-IRHNM597110 Datasheet
210Kb / 9P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
More results

Similar Description - IRHNM597110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com