Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHQ6110 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHQ6110
Description  Simple Drive Requirements
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHQ6110 Datasheet(HTML) 1 Page - International Rectifier

  IRHQ6110 Datasheet HTML 1Page - International Rectifier IRHQ6110 Datasheet HTML 2Page - International Rectifier IRHQ6110 Datasheet HTML 3Page - International Rectifier IRHQ6110 Datasheet HTML 4Page - International Rectifier IRHQ6110 Datasheet HTML 5Page - International Rectifier IRHQ6110 Datasheet HTML 6Page - International Rectifier IRHQ6110 Datasheet HTML 7Page - International Rectifier IRHQ6110 Datasheet HTML 8Page - International Rectifier IRHQ6110 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Absolute Maximum Ratings
Parameter
N-Channel
P-Channel
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
3.0
-2.3
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
1.9
-1.5
IDM
Pulsed Drain Current
À
12
-9.2
PD @ TC = 25°C
Max. Power Dissipation
12
12
W
Linear Derating Factor
0.1
0.1
W/°C
VGS
Gate-to-Source Voltage
±20
±20
V
EAS
Single Pulse Avalanche Energy
85
Á
75
²
mJ
IAR
Avalanche Current
À
3.0
-2.3
A
EAR
Repetitive Avalanche Energy
À
1.2
1.2
mJ
dv/dt
Peak Diode Recovery dv/dt
3.0
Â
9.0
³
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
°C
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
0.89 (Typical)
g
Pre-Irradiation
A
RADIATION HARDENED
POWER MOSFET
SURFACE MOUNT (LCC-28)
07/20/11
www.irf.com
1
Product Summary
Part Number Radiation Level RDS(on)
ID
CHANNEL
IRHQ6110
100K Rads (Si)
0.6
3.0A
N
IRHQ63110
300K Rads (Si)
0.6
3.0A
N
IRHQ6110
100K Rads (Si)
1.1
-2.3A
P
IRHQ63110
300K Rads (Si)
1.1
-2.3A
P
For footnotes, refer to the last page
LCC-28
IRHQ6110
100V, Combination 2N-2P-CHANNEL
RAD-Hard
HEXFET
®
MOSFET TECHNOLOGY
International Rectifier’s RAD-HardTM HEXFET® MOSFET
Technology provides high performance power MOSFETs
for space applications. This technology has over a decade
of proven performance and reliability in satellite
applications. These devices have been characterized for
both Total Dose and Single Event Effects (SEE). The
combination of low RDS(on) and low gate charge reduces
the power losses in switching applications such as DC to
DC converters and motor control. These devices retain all
of the well established advantages of MOSFETs such as
voltage control, fast switching, ease of paralleling and
temperature stability of electrical parameters.
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Surface Mount
n Light Weight
PD-91781C


Similar Part No. - IRHQ6110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results

Similar Description - IRHQ6110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com