Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4410DYPBF Datasheet(PDF) 1 Page - International Rectifier

Part # SI4410DYPBF
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SI4410DYPBF Datasheet(HTML) 1 Page - International Rectifier

  SI4410DYPBF Datasheet HTML 1Page - International Rectifier SI4410DYPBF Datasheet HTML 2Page - International Rectifier SI4410DYPBF Datasheet HTML 3Page - International Rectifier SI4410DYPBF Datasheet HTML 4Page - International Rectifier SI4410DYPBF Datasheet HTML 5Page - International Rectifier SI4410DYPBF Datasheet HTML 6Page - International Rectifier SI4410DYPBF Datasheet HTML 7Page - International Rectifier SI4410DYPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
±10
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
±8.0
A
IDM
Pulsed Drain Current

±50
PD @TA = 25°C
Power Dissipation
ƒ
2.5
PD @TA = 70°C
Power Dissipation
ƒ
1.6
Linear Derating Factor
0.02
W/°C
dv/dt
Peak Diode Recovery dv/dt
…
5.0
V/ns
EAS
Single Pulse Avalanche Energy
„
400
mJ
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
l N-Channel MOSFET
l Low On-Resistance
l Low Gate Charge
l Surface Mount
l Logic Level Drive
l Lead-Free
09/22/04
Si4410DYPbF
HEXFET® Power MOSFET
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
50
°C/W
Thermal Resistance
This N-channel HEXFET® Power MOSFET is
produced using International Rectifier's advanced
HEXFET power MOSFET technology. The low on-
resistance and low gate charge inherent to this
technology make this device ideal for low voltage or
battery driven power conversion applications
The SO-8 package with copper leadframe offers
enhanced thermal characteristics that allow power
dissipation of greater that 800mW in typical board
mount applications.
Description
Absolute Maximum Ratings
W
www.irf.com
1
PD - 95168
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS = 30V
RDS(on) = 0.0135Ω


Similar Part No. - SI4410DYPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SI4410DYPBF IRF-SI4410DYPBF Datasheet
119Kb / 8P
   HEXFET짰Power MOSFET
SI4410DYPBF IRF-SI4410DYPBF Datasheet
124Kb / 8P
   N-Channel MOSFET
More results

Similar Description - SI4410DYPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com