Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4870 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # AN4870
Description  Effects Of Temperature On Thyristor Performance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

AN4870 Datasheet(HTML) 5 Page - Dynex Semiconductor

  AN4870 Datasheet HTML 1Page - Dynex Semiconductor AN4870 Datasheet HTML 2Page - Dynex Semiconductor AN4870 Datasheet HTML 3Page - Dynex Semiconductor AN4870 Datasheet HTML 4Page - Dynex Semiconductor AN4870 Datasheet HTML 5Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.dynexsemi.com
POWER ASSEMBLY CAPABILITY
The Power Assembly group was set up to provide a support service for those customers requiring more than the basic
semiconductor, and has developed a flexible range of heatsink and clamping systems in line with advances in device voltages
and current capability of our semiconductors.
We offer an extensive range of air and liquid cooled assemblies covering the full range of circuit designs in general use today.
The Assembly group offers high quality engineering support dedicated to designing new units to satisfy the growing needs of
our customers.
Using the latest CAD methods our team of design and applications engineers aim to provide the Power Assembly Complete
Solution (PACs).
HEATSINKS
The Power Assembly group has its own proprietary range of extruded aluminium heatsinks which have been designed to
optimise the performance of Dynex semiconductors. Data with respect to air natural, forced air and liquid cooling (with flow
rates) is available on request.
For further information on device clamps, heatsinks and assemblies, please contact your nearest sales representative or
Customer Services.
CUSTOMER SERVICE
Tel: +44 (0)1522 502753 / 502901. Fax: +44 (0)1522 500020
SALES OFFICES
Benelux, Italy & Switzerland: Tel: +33 (0)1 64 66 42 17. Fax: +33 (0)1 64 66 42 19.
France: Tel: +33 (0)2 47 55 75 52. Fax: +33 (0)2 47 55 75 59.
Germany, Northern Europe, Spain & Rest Of World: Tel: +44 (0)1522 502753 / 502901.
Fax: +44 (0)1522 500020
North America: Tel: (613) 723-7035. Fax: (613) 723-1518. Toll Free: 1.888.33.DYNEX (39639) /
Tel: (949) 733-3005. Fax: (949) 733-2986.
These offices are supported by Representatives and Distributors in many countries world-wide.
© Dynex Semiconductor 2002 TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRODUCED IN
UNITED KINGDOM
HEADQUARTERS OPERATIONS
DYNEX SEMICONDUCTOR LTD
Doddington Road, Lincoln.
Lincolnshire. LN6 3LF. United Kingdom.
Tel: +44-(0)1522-500500
Fax: +44-(0)1522-500550
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee
that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure
that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
http://www.dynexsemi.com
e-mail: power_solutions@dynexsemi.com
Datasheet Annotations:
Dynex Semiconductor annotate datasheets in the top right hard corner of the front page, to indicate product status. The annotations are as follows:-
Target Information: This is the most tentative form of information and represents a very preliminary specification. No actual design work on the product has been started.
Preliminary Information: The product is in design and development. The datasheet represents the product as it is understood but details may change.
Advance Information: The product design is complete and final characterisation for volume production is well in hand.
No Annotation: The product parameters are fixed and the product is available to datasheet specification.


Similar Part No. - AN4870

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN487 STMICROELECTRONICS-AN487 Datasheet
376Kb / 13P
   INTRODUCTION TO A 10A MONOLITHIC SWITCHING
More results

Similar Description - AN4870

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
   Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
STMicroelectronics
AN2352 STMICROELECTRONICS-AN2352 Datasheet
188Kb / 20P
   PLL jitter effects on C-CAN modules of the ST10F27x
logo
Exar Corporation
XRDAN28 EXAR-XRDAN28 Datasheet
122Kb / 4P
   Frequency Response Effects of Overampling and Averaging on A/D Output Data
logo
Dynex Semiconductor
AN4999 DYNEX-AN4999 Datasheet
107Kb / 6P
   Turn-On Performance Of Thyristors In Parallel
logo
National Semiconductor ...
AN-2026 NSC-AN-2026 Datasheet
450Kb / 8P
   The Effect of PCB Design on the Thermal Performance of SIMPLE SWITCHER
AD-03 NSC-AD-03 Datasheet
43Kb / 4P
   Effects of Aperture Time and Jitter in a Sampled Data System
logo
NXP Semiconductors
SAA7712H PHILIPS-SAA7712H Datasheet
178Kb / 44P
   Sound effects DSP
1999 Aug 05
logo
Sciosense B.V.
ENS21X SCIOSENSE-ENS21X Datasheet
3Mb / 2P
   Scalable Family of High-Performance Digital Temperature and Humidity Sensors
logo
Analog Devices
AN-756 AD-AN-756 Datasheet
298Kb / 12P
   Sampled Systems and the Effects of Clock Phase Noise and Jitter
REV. 0
logo
List of Unclassifed Man...
LB-20 ETC-LB-20 Datasheet
70Kb / 1P
   Effect of PWB Copper Area on Thermal Performance of 20-Lead SOIC LB Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com