Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12D1600QML Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC12D1600QML
Description  12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600QML Datasheet(HTML) 5 Page - Texas Instruments

  ADC12D1600QML Datasheet HTML 1Page - Texas Instruments ADC12D1600QML Datasheet HTML 2Page - Texas Instruments ADC12D1600QML Datasheet HTML 3Page - Texas Instruments ADC12D1600QML Datasheet HTML 4Page - Texas Instruments ADC12D1600QML Datasheet HTML 5Page - Texas Instruments ADC12D1600QML Datasheet HTML 6Page - Texas Instruments ADC12D1600QML Datasheet HTML 7Page - Texas Instruments ADC12D1600QML Datasheet HTML 8Page - Texas Instruments ADC12D1600QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
VA
AGND
VA
AGND
100
VBIAS
50k
50k
VA
VA
GND
GND
Tdiode_P
Tdiode_N
GND
VA
V
GND
VA
V
VA
GND
ADC12D1600QML
www.ti.com
SNAS615 – DECMEBER 2012
Table 2. Analog Front-End and Clock Pins (continued)
Pin No.
Name
Equivalent Circuit
Description
Bandgap Voltage Output or LVDS Common-mode Voltage
Select. This pin provides a buffered version of the bandgap
output voltage and is capable of sourcing/sinking 100 uA and
B1
VBG
driving a load of up to 80 pF. Alternately, this pin may be
used to select the LVDS digital output common-mode voltage.
If tied to logic-high, the 1.2V LVDS common-mode voltage is
selected; 0.8V is the default.
External Reference Resistor terminals. A 3.3 k
Ω ±0.1%
resistor should be connected between Rext+/-. The Rext
C3/D3
Rext+/-
resistor is used as a reference to trim internal circuits which
affect the linearity of the converter; the value and precision of
this resistor should not be compromised.
Input Termination Trim Resistor terminals. A 3.3 k
Ω ±0.1%
resistor should be connected between Rtrim+/-. The Rtrim
resistor is used to establish the calibrated 100
Ω input
C1/D2
Rtrim+/-
impedance of VinI, VinQ and CLK. These impedances may
be fine tuned by varying the value of the resistor by a
corresponding percentage; however, the tuning range and
performance is not tested for such an alternate value.
Temperature Sensor Diode Positive (Anode) and Negative
(Cathode) Terminals. This set of pins is used for die
E2/F3
Tdiode+/-
temperature measurements. It has not been fully
characterized.
Reference Clock Input. When the AutoSync feature is active,
and the ADC12D1600 is in Slave Mode, the internal divided
clocks are synchronized with respect to this input clock. The
Y4/W5
RCLK+/-
delay on this clock may be adjusted when synchronizing
multiple ADCs. This feature is available in ECM via Control
Register (Addr: Eh).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12D1600QML


Similar Part No. - ADC12D1600QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600 TI-ADC12D1600 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600 TI-ADC12D1600 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI1-ADC12D1600CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1600QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1620QML-SP TI1-ADC12D1620QML-SP Datasheet
3Mb / 82P
[Old version datasheet]   12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com