Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14155W-MLS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14155W-MLS
Description  ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC14155W-MLS Datasheet(HTML) 3 Page - Texas Instruments

  ADC14155W-MLS Datasheet HTML 1Page - Texas Instruments ADC14155W-MLS Datasheet HTML 2Page - Texas Instruments ADC14155W-MLS Datasheet HTML 3Page - Texas Instruments ADC14155W-MLS Datasheet HTML 4Page - Texas Instruments ADC14155W-MLS Datasheet HTML 5Page - Texas Instruments ADC14155W-MLS Datasheet HTML 6Page - Texas Instruments ADC14155W-MLS Datasheet HTML 7Page - Texas Instruments ADC14155W-MLS Datasheet HTML 8Page - Texas Instruments ADC14155W-MLS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
AGND
VA
AGND
VA
IDC
V
REF
AGND
V
A
V
A
V
A
V
RM
V
RN
V
RP
V
A
AGND
ADC14155QML-SP
www.ti.com
SNAS378I – NOVEMBER 2008 – REVISED MARCH 2013
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
4
VIN
Differential analog input pins. The differential full-scale input signal
level is two times the reference voltage with each input pin signal
centered on a common mode voltage, VCM.
5
VIN+
42, 43
VRP
46, 47
VRM
These pins should each be bypassed to AGND with a low ESL
(equivalent series inductance) 0.1 µF capacitor placed very close to
the pin to minimize stray inductance. A 0.1 µF capacitor should be
placed between VRP and VRN as close to the pins as possible, and a
10 µF capacitor should be placed in parallel.
VRP and VRN should not be loaded. VRM may be loaded to 1mA for
44, 45
VRN
use as a temperature stable 1.5V reference.
It is recommended to use VRM to provide the common mode voltage,
VCM, for the differential analog inputs, VIN+ and VIN−.
This pin can be used as either the +1.0V internal reference voltage
output (internal reference operation) or as the external reference
voltage input (external reference operation).
To use the internal reference, VREF should be decoupled to AGND
with a 0.1 µF, low equivalent series inductance (ESL) capacitor. In
this mode, VREF defaults as the output for the internal 1.0V
48
VREF
reference.
To use an external reference, overdrive this pin with a low noise
external reference voltage. The output impedance of the internal
reference at this pin is 9k
Ω. Therefore, to overdrive this pin, the
impedance of the external reference source should be << 9k
Ω.
This pin should not be used to source or sink current.
The full scale differential input voltage range is 2 * VREF.
DIGITAL I/O
11
CLK+
The clock input pins can be configured to accept either a single-
ended or a differential clock input signal.
When the single-ended clock mode is selected through CLK_SEL/DF
(pin 8), connect the clock input signal to the CLK+ pin and connect
the CLK
− pin to AGND.
When the differential clock mode is selected through CLK_SEL/DF
(pin 8), connect the positive and negative clock inputs to the CLK+
and CLK
− pins, respectively.
12
CLK
The analog input is sampled on the falling edge of the clock input.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC14155QML-SP


Similar Part No. - ADC14155W-MLS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155W-MLS NSC-ADC14155W-MLS Datasheet
1Mb / 26P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155W-MLS TI1-ADC14155W-MLS Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
More results

Similar Description - ADC14155W-MLS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14155QML NSC-ADC14155QML Datasheet
1Mb / 26P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155QML-SP TI1-ADC14155QML-SP_18 Datasheet
755Kb / 34P
[Old version datasheet]   14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com