Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1825-SP Datasheet(PDF) 4 Page - Texas Instruments

Part # UC1825-SP
Description  RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1825-SP Datasheet(HTML) 4 Page - Texas Instruments

  UC1825-SP_15 Datasheet HTML 1Page - Texas Instruments UC1825-SP_15 Datasheet HTML 2Page - Texas Instruments UC1825-SP_15 Datasheet HTML 3Page - Texas Instruments UC1825-SP_15 Datasheet HTML 4Page - Texas Instruments UC1825-SP_15 Datasheet HTML 5Page - Texas Instruments UC1825-SP_15 Datasheet HTML 6Page - Texas Instruments UC1825-SP_15 Datasheet HTML 7Page - Texas Instruments UC1825-SP_15 Datasheet HTML 8Page - Texas Instruments UC1825-SP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
UC1825-SP
SLUS870A – JANUARY 2009 – REVISED MARCH 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
UNIT
Supply voltage
VC, VCC
30
V
DC
0.5
Output current, source or sink, Out A, Out B
A
Pulse (0.5
μs)
2.0
INV, NI, Ramp
–0.3 to 7
Analog inputs
V
Soft Start, ILIM/SD
–0.3 to 6
Clock output current
Clock
–5
Error amplifier output current
E/A Out
5
mA
Soft-start sink current
Soft Start
20
Oscillator charging current
RT
–5
Power dissipation
1
W
Storage temperature range
–65 to 150
°C
Lead temperature (soldering, 10 seconds)
300
(1)
All voltages are with respect to GND; all currents are positive into, negative out of part; pin numbers refer to DIL-16 package.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (TA = TJ = –55°C to 125°C), unless otherwise noted.
MIN
MAX
UNIT
VCC
Supply voltage
10
30
V
Sink/source output current (continuous or time average)
0
100
mA
Reference load current
0
10
mA
THERMAL RATINGS TABLE
θJA
θJC
PACKAGE
(°C/W)
(°C/W)
DIL-16 (J)
80–120
28(1)
LCC-20 (FK)
70–80
20(1)
(1)
θJC data values stated were derived from MIL-STD-1835B. MIL-STD-1835B states that the baseline values shown are worst case
(mean + 2s) for a 60 × 60 mil microcircit device silicon die and applicable for devices with die sizes up to 14400 square mils. For device
die sizes greater than 14400 square mils use the following values; dual-in-line, 11°C/W; flat pack 10°C/W; pin grid array, 10°C/W.
4
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): UC1825-SP


Similar Part No. - UC1825-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC1825-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com