Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1825-SP Datasheet(PDF) 11 Page - Texas Instruments

Part # UC1825-SP
Description  RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1825-SP Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC1825-SP_15 Datasheet HTML 7Page - Texas Instruments UC1825-SP_15 Datasheet HTML 8Page - Texas Instruments UC1825-SP_15 Datasheet HTML 9Page - Texas Instruments UC1825-SP_15 Datasheet HTML 10Page - Texas Instruments UC1825-SP_15 Datasheet HTML 11Page - Texas Instruments UC1825-SP_15 Datasheet HTML 12Page - Texas Instruments UC1825-SP_15 Datasheet HTML 13Page - Texas Instruments UC1825-SP_15 Datasheet HTML 14Page - Texas Instruments UC1825-SP_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
VDG−92032−2
UC1825
Clock
RL
CT
Ramp
Oscillator
E/A Out
Non INV
INV
Soft Start
Error
Amp
ILIM Shutdown
VCC
VC
Out A
Out B
Pwr Gnd
VREF 5.1 V
Gnd
2 x 1N5820
0.1 mF
0.1 mF
0.1 mF
15 V
15 V
10 mF
RT 3.65 kW
CT 1 nF
50 W
22 kW
10 kW
3.3 kW
27 kW
10 kW
27 kW
4.7 kW
4.7 kW
68 kW
10 mF
4
5
6
7
3
2
1
8
9
15
13
11
14
12
10
16
UC1825-SP
www.ti.com
SLUS870A – JANUARY 2009 – REVISED MARCH 2012
Figure 9. Open-Loop Laboratory Test Fixture
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UC1825-SP


Similar Part No. - UC1825-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825-DIE TI-UC1825-DIE Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC1825-SP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com