Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


MAX5722 Datasheet(HTML) 5 Page - Maxim Integrated Products

Part No. MAX5722
Description  12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX5722 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 page
background image
12-Bit, Low-Power, Dual, Voltage-Output
DAC with Serial Interface
_______________________________________________________________________________________
5
WORST CASE INL AND DNL
vs. TEMPERATURE
-16
-12
-4
-8
8
12
4
0
16
-40
0
20
-20
40
60
80
100 120
TEMPERATURE (
°C)
MINIMUM DNL
MINIMUM INL
MAXIMUM DNL
MAXIMUM INL
0
0.5
1.0
1.5
2.0
2.5
3.0
04
2
6
8
10121416
SOURCE-AND-SINK CURRENT CAPABILITY
(VDD = +3V)
ISOURCE/SINK (mA)
CODE = 000 HEX,
SINKING CURRENT INTO OUT_
CODE = FFF
HEX, SOURCING
CURRENT
FROM OUT_
CODE = C00
HEX, SOURCING
CURRENT
FROM OUT_
CODE = 400 HEX,
SINKING CURRENT
INTO OUT_
010
5
152025303540
SOURCE-AND-SINK CURRENT CAPABILITY
(VDD = +5V)
ISOURCE/SINK (mA)
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
CODE = 000 HEX,
SINKING CURRENT INTO OUT_
CODE = FFF HEX, SOURCING
CURRENT FROM OUT_
CODE = C00 HEX,
SOURCING CURRENT
FROM OUT_
CODE = 400 HEX,
SINKING CURRENT
INTO OUT_
0
20
40
60
80
100
120
140
160
2.7
3.7
3.2
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
CODE = 3FF HEX
FULL-SCALE SETTLING TIME
(VDD = +5V)
MAX5722 toc17
VOUT_
1V/div
1
µs/div
VSCLK
5V/div
CODE 000 TO FFF HEX
RL = 5k
CL = 200pF
2.7
3.7
3.2
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
POWER-DOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0
100
50
200
150
250
300
0
200
100
500
400
300
800
700
600
900
02
1
345
SUPPLY CURRENT vs.
CS INPUT VOLTAGE
CS INPUT VOLTAGE (V)
VDD = +3V
VDD = +5V
Typical Operating Characteristics (continued)
(VREF = VDD, TA = +25°C, unless otherwise noted.)
0
40
20
100
80
60
140
120
160
-40
20
40
-20
0
60
80
100 120
TEMPERATURE (
°C)
SUPPLY CURRENT
vs. TEMPERATURE
VDD = +5V
VDD = +3V
FULL-SCALE SETTLING TIME
(VDD = +5V)
MAX5722 toc18
VOUT_
1V/div
1
µs/div
VSCLK
5V/div
CODE FFF HEX TO 000
RL = 5k
CL = 200pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn