Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5741 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5741
Description  10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5741 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5741 Datasheet HTML 1Page - Maxim Integrated Products MAX5741 Datasheet HTML 2Page - Maxim Integrated Products MAX5741 Datasheet HTML 3Page - Maxim Integrated Products MAX5741 Datasheet HTML 4Page - Maxim Integrated Products MAX5741 Datasheet HTML 5Page - Maxim Integrated Products MAX5741 Datasheet HTML 6Page - Maxim Integrated Products MAX5741 Datasheet HTML 7Page - Maxim Integrated Products MAX5741 Datasheet HTML 8Page - Maxim Integrated Products MAX5741 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
10-Bit, Low-Power, Quad, Voltage-Output
DAC with Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.5V, GND = 0, VREF = VDD, RL = 5k
Ω, CL = 200pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
VDD = +5V, TA = +25°C.)
TIMING CHARACTERISTICS
(VDD = 2.7V to 5.5V, GND = 0, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: DC specifications are tested without output loads.
Note 2: Linearity guaranteed from code 29 to code 995.
Note 3: Limited with test conditions.
Note 4: Offset and gain error limit the FSR.
Note 5: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK, DIN,
CS)
Input High Voltage
VIH
VDD = +3V, +5V
0.7
VDD
V
Input Low Voltage
VIL
VDD = +3V, +5V
0.3
VDD
V
Input Leakage Current
IIN
Digital inputs = 0 or VDD
±0.1
±1
µA
Input Capacitance
CIN
5pF
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
SR
0.5
V/µs
Voltage Output Settling Time
100 hex to 300 hex (Note 3)
4
10
µs
Digital Feedthrough
Any digital inputs from 0 to VDD
0.15
nV-s
Digital-Analog Glitch Impulse
Major carry transition (Code 1FF hex to
Code 200 hex)
12
nV-s
DAC-to-DAC Crosstalk
2.4
nV-s
POWER REQUIREMENTS
Supply Voltage Range
VDD
2.7
5.5
V
All digital inputs at 0 or VDD = 3.6V
230
395
Supply Current with No Load
IDD
All digital inputs at 0 or VDD = 5.5V
270
420
µA
Power-Down Supply Current
IDDPD
All digital inputs at 0 or VDD = 5.5V
0.29
1
µA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Clock Frequency
f SCLK
0
20
MHz
SCLK Pulse Width High
tCH
25
ns
SCLK Pulse Width Low
tCL
25
ns
CS Fall to SCLK Rise Setup Time
tCSS
10
ns
SCLK Fall to
CS Rise Setup Time
tCSH
10
ns
DIN to SCLK Fall Setup Time
tDS
15
ns
DIN to SCLK Fall Hold Time
tDH
0ns
CS Pulse Width High
tCSW
80
ns


Similar Part No. - MAX5741

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5742AUB MAXIM-MAX5742AUB Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5742EUB MAXIM-MAX5742EUB Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
More results

Similar Description - MAX5741

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
   10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com