Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5741 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5741
Description  10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5741 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5741 Datasheet HTML 1Page - Maxim Integrated Products MAX5741 Datasheet HTML 2Page - Maxim Integrated Products MAX5741 Datasheet HTML 3Page - Maxim Integrated Products MAX5741 Datasheet HTML 4Page - Maxim Integrated Products MAX5741 Datasheet HTML 5Page - Maxim Integrated Products MAX5741 Datasheet HTML 6Page - Maxim Integrated Products MAX5741 Datasheet HTML 7Page - Maxim Integrated Products MAX5741 Datasheet HTML 8Page - Maxim Integrated Products MAX5741 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
10-Bit, Low-Power, Quad, Voltage-Output
DAC with Serial Interface
_______________________________________________________________________________________
5
-4
-2
-3
1
0
-1
3
2
4
-40
20
40
-20
0
60
80
100 120
TEMPERATURE (
°C)
WORST-CASE INL AND DNL
vs. TEMPERATURE
MAXIMUM INL
MINIMUM INL
MAXIMUM DNL
MINIMUM DNL
0
0.5
1.0
1.5
2.0
2.5
3.0
04
2
6
8
10121416
ISOURCE/SINK (mA)
CODE = FFF
HEX, SOURCING
CURRENT
FROM OUT_
CODE = C00
HEX, SOURCING
CURRENT
FROM OUT_
CODE = 400 HEX,
SINKING CURRENT
INTO OUT_
SOURCE-AND-SINK CURRENT CAPABILITY
(VDD = +3V)
CODE = 000 HEX,
SINKING CURRENT INTO OUT_
04
2
6
8
10121416
ISOURCE/SINK (mA)
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD = 5V
CODE = FFF HEX, SOURCING
CURRENT FROM OUT_
CODE = C00 HEX,
SOURCING CURRENT
FROM OUT_
CODE = 400 HEX,
SINKING CURRENT
INTO OUT_
SOURCE-AND-SINK CURRENT CAPABILITY
(VDD = +5V)
CODE = 000 HEX,
SINKING CURRENT INTO OUT_
150
290
2.7
3.7
3.2
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
190
170
230
210
270
250
CODE = 3FF HEX
200
220
210
250
240
230
270
260
280
290
-40
20
40
-20
0
60
80
100 120
TEMPERATURE (
°C)
SUPPLY CURRENT
vs. TEMPERATURE
VDD = +3.6V
VDD = +5.5V
2.7
3.7
3.2
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
POWER-DOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0
100
50
200
150
250
300
0
200
100
500
400
300
800
700
600
900
02
1
345
SUPPLY CURRENT vs. CS INPUT VOLTAGE
VDD = +3V
CS INPUT VOLTAGE (V)
VDD = +5V
Typical Operating Characteristics (continued)
(VREF = VDD, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5741

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5742AUB MAXIM-MAX5742AUB Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5742EUB MAXIM-MAX5742EUB Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
More results

Similar Description - MAX5741

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5251 MAXIM-MAX5251 Datasheet
146Kb / 16P
   3V, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
   10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com