Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5742 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5742
Description  12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5742 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5742 Datasheet HTML 1Page - Maxim Integrated Products MAX5742 Datasheet HTML 2Page - Maxim Integrated Products MAX5742 Datasheet HTML 3Page - Maxim Integrated Products MAX5742 Datasheet HTML 4Page - Maxim Integrated Products MAX5742 Datasheet HTML 5Page - Maxim Integrated Products MAX5742 Datasheet HTML 6Page - Maxim Integrated Products MAX5742 Datasheet HTML 7Page - Maxim Integrated Products MAX5742 Datasheet HTML 8Page - Maxim Integrated Products MAX5742 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
12-Bit, Low-Power, Quad, Voltage-Output
DAC with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.5V, GND = 0, VREF = VDD, RL = 5k
Ω, CL = 200pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
VDD = +5V, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
OUT_, SCLK, DIN, CS, REF to GND...............-0.3 to (VDD+0.3V)
Maximum Continuous Current Into Any Pin......................±50mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 6.9 mW/°C above +70°C) ..........555mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature.......................................-65°C to +150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY (Note 1)
Resolution
N
12
Bits
Integral Nonlinearity Error
INL
(Note 2)
±2
±16
LSB
Differential Nonlinearity Error
DNL
Guaranteed monotonic (Note 2)
±1
LSB
Zero-Code Error
OE
Code = 000
0.4
1.5
% of FS
Zero-Code Error Tempco
2.3
ppm/
°C
Gain Error
GE
Code = FFF hex
±3
% of FS
Gain-Error Tempco
0.26
ppm/
°C
Power-Supply Rejection Ratio
PSRR
Code = FFF hex,
∆VDD = ±10%
58.8
dB
REFERENCE INPUT
Reference Input Voltage Range
VREF
0VDD
V
In operation
32
45
63
k
Reference Input Impedance
RREF
In power-down mode
2
M
Power-Down Reference Current
In power-down mode (Note 3)
1
10
µA
DAC OUTPUT
Output Voltage Range
No load (Note 4)
0
VDD
V
DC Output Impedance
Code = 800 hex
0.8
VDD = +3V
15
Short-Circuit Current
VDD = +5V
48
mA
VDD = +3V
8
Wake-Up Time
VDD = +5V
8
µs
Output Leakage Current
Power-down mode = output high
impedance
±18
nA


Similar Part No. - MAX5742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5741AUB MAXIM-MAX5741AUB Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5741EUB MAXIM-MAX5741EUB Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
More results

Similar Description - MAX5742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5250 MAXIM-MAX5250 Datasheet
134Kb / 16P
   Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface
Rev 0; 12/96
MAX5741 MAXIM-MAX5741 Datasheet
635Kb / 15P
   10-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
   12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5104 MAXIM-MAX5104 Datasheet
119Kb / 12P
   Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Rev 0; 11/99
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com