Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHYB67230CM Datasheet(PDF) 7 Page - International Rectifier

Part # IRHYB67230CM
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYB67230CM Datasheet(HTML) 7 Page - International Rectifier

  IRHYB67230CM_15 Datasheet HTML 1Page - International Rectifier IRHYB67230CM_15 Datasheet HTML 2Page - International Rectifier IRHYB67230CM_15 Datasheet HTML 3Page - International Rectifier IRHYB67230CM_15 Datasheet HTML 4Page - International Rectifier IRHYB67230CM_15 Datasheet HTML 5Page - International Rectifier IRHYB67230CM_15 Datasheet HTML 6Page - International Rectifier IRHYB67230CM_15 Datasheet HTML 7Page - International Rectifier IRHYB67230CM_15 Datasheet HTML 8Page - International Rectifier IRHYB67230CM_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.irf.com
7
Pre-Irradiation
IRHYB67230CM
Fig 15. Maximum Effective Transient Thermal Impedance, Junction-to-Case
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
P
t
t
DM
1
2
Fig 13. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
40
80
120
160
ID
TOP
7.0A
10A
BOTTOM 16A
1
10
100
1000
VDS , Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1ms
10ms
OPERATION IN THIS AREA LIMITED
BY RDS(on)
100
µs
DC


Similar Part No. - IRHYB67230CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYB67230CM IRF-IRHYB67230CM Datasheet
135Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (Low-Ohmic TO-257AA)
More results

Similar Description - IRHYB67230CM_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com