Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLF120 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLF120
Description  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLF120 Datasheet(HTML) 1 Page - International Rectifier

  IRLF120_15 Datasheet HTML 1Page - International Rectifier IRLF120_15 Datasheet HTML 2Page - International Rectifier IRLF120_15 Datasheet HTML 3Page - International Rectifier IRLF120_15 Datasheet HTML 4Page - International Rectifier IRLF120_15 Datasheet HTML 5Page - International Rectifier IRLF120_15 Datasheet HTML 6Page - International Rectifier IRLF120_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 5.0V, TC = 25°C Continuous Drain Current
5.3
ID @ VGS = 5.0V, TC = 100°C Continuous Drain Current
3.4
IDM
Pulsed Drain Current
À
21
PD @ TC = 25°C
Max. Power Dissipation
20
W
Linear Derating Factor
0.16
W/°C
VGS
Gate-to-Source Voltage
±10
V
EAS
Single Pulse Avalanche Energy
Á
120
mJ
IAR
Avalanche Current
À
5.3
A
EAR
Repetitive Avalanche Energy
À
2.0
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
°C
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
0.98 (typical)
g
The Logic Level ‘L’ series of power MOSFETs are designed
to be operated with level logic gate-to-source voltage of 5V.
In addition to the well established characterstics of
HEXFETs®, they have the added advantage of providing
low drive requirements to interface power loads to logic level
IC’s and microprocessors.
Fields of applications include: high speed power applications
such as switching regulators, switching converters, motor
drivers, solenoid and relay drivers and drivers for high power
bipolar switching transistors requiring high speed and low
gatedrive voltage.
The HEXFET technology is the key to International Rectifier’s
advanced line of logic level power MOSFET transistors. The
efficient geometry and unique processing of the HEXFET
achieve very low on-state resistance combined with high
transconductance and great device ruggedness.
.
A
09/04/14
www.irf.com
1
TO-39
Product Summary
Part Number BVDSS RDS(on)
ID
IRLF120
100V
0.35
5.3A
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Low Drive Requirements
n Execellent Temperature Stability
For footnotes refer to the last page
REPETITIVE AVALANCHE AND dv/dt RATED
IRLF120
HEXFET
®TRANSISTORS
100V, N-CHANNEL
THRU-HOLE (TO-39)
n Ease of Paralleling
n Hermetically Sealed
n Fast Switching Speeds
n Light Weight
PD-90639C


Similar Part No. - IRLF120_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLF120 IRF-IRLF120 Datasheet
548Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-39)
More results

Similar Description - IRLF120_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com