Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR8256PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRLR8256PBF
Description  Simple Drive Requirements
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8256PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRLR8256PBF_15 Datasheet HTML 3Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 4Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 5Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 6Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 7Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 8Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 9Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 10Page - International Rectifier IRLR8256PBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRLR/U8256PbF
www.irf.com
11
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.43mH, RG = 25Ω, IAS = 20A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Calculated continuous current based on maximum allowable junction temperature.
Package limitation current is 50A.
… When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques
refer to application note #AN-994.
† Rθ is measured at TJ approximately 90°C.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 101N.Sepulveda blvd, El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-790
Visit us at www.irf.com for sales contact information.08/2011
Note
Form
Quantity
IRLR8256PBF
D-PAK
Tube/Bulk
75
IRLR8256TRPBF
D-PAK
Tape and Reel
2000
IRLR8256PBF
I-PAK
Tube/Bulk
75
Orderable part number
Package Type
Standard Pack
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/product-info/reliability
†† Higher qualification ratings may be available should the user have such requirements. Please contact
your International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
MSL1
(per JEDEC J-STD-020D†††)
I-PAK
Not applicable
RoHS Compliant
Yes
Comments: This family of products has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
Moisture Sensitivity Level
D-PAK
Qualification Information
Qualification level
Industrial
††
(per JEDEC JESD47F
††† guidelines)


Similar Part No. - IRLR8256PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8256PBF IRF-IRLR8256PBF Datasheet
358Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRLR8256PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com