Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR8259PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLR8259PBF
Description  Ultra-Low Gate Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8259PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLR8259PBF Datasheet HTML 2Page - International Rectifier IRLR8259PBF Datasheet HTML 3Page - International Rectifier IRLR8259PBF Datasheet HTML 4Page - International Rectifier IRLR8259PBF Datasheet HTML 5Page - International Rectifier IRLR8259PBF Datasheet HTML 6Page - International Rectifier IRLR8259PBF Datasheet HTML 7Page - International Rectifier IRLR8259PBF Datasheet HTML 8Page - International Rectifier IRLR8259PBF Datasheet HTML 9Page - International Rectifier IRLR8259PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRLR/U8259PbF
6
www.irf.com
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13. Gate Charge Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-V
DD
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
4.2A
6.4A
BOTTOM 17A


Similar Part No. - IRLR8259PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8259PBF IRF-IRLR8259PBF Datasheet
375Kb / 11P
   HEXFET Power MOSFET
More results

Similar Description - IRLR8259PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
   Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
logo
Guangdong Youtai Semico...
IRF7455TR UMW-IRF7455TR Datasheet
373Kb / 8P
   Ultra-Low Gate Impedance
logo
International Rectifier
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
   Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
   Ultra-Low Gate Impedance
IRLR3802PBF IRF-IRLR3802PBF_15 Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com