Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR8729PBF-1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLR8729PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8729PBF-1 Datasheet(HTML) 2 Page - International Rectifier

  IRLR8729PBF-1_15 Datasheet HTML 1Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 2Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 3Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 4Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 5Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 6Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 7Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 8Page - International Rectifier IRLR8729PBF-1_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLR8729PbF-1
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 29, 2014
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––21––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.0
8.9
–––
8.9
11.9
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––-6.2––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
91
–––
–––
S
Qg
Total Gate Charge
–––
10
16
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.1
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.3
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.0
–––
Qgodr
Gate Charge Overdrive
–––
2.6
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
4.8
–––
Qoss
Output Charge
–––
6.3
–––
nC
RG
Gate Resistance
–––
1.6
2.7
Ω
td(on)
Turn-On Delay Time
–––10–––
tr
Rise Time
–––47–––
td(off)
Turn-Off Delay Time
–––11–––
tf
Fall Time
–––10–––
Ciss
Input Capacitance
–––
1350
–––
Coss
Output Capacitance
–––
280
–––
Crss
Reverse Transfer Capacitance
–––
120
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
™
mJ
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
(Body Diode)
ISM
Pulsed Source Current
–––
–––
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
16
24
ns
Qrr
Reverse Recovery Charge
–––
19
29
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
MOSFET symbol
–––
VGS = 4.5V
Typ.
–––
–––
ID = 20A
VGS = 0V
VDS = 15V
RG = 1.8
Ω
TJ = 25°C, IF = 20A, VDD = 15V
di/dt = 300A/μs
e
TJ = 25°C, IS = 20A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
VDS = 15V, ID = 20A
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
ID = 20A
VDS = 15V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 25A e
VGS = 4.5V, ID = 20A
e
VGS = 20V
VGS = -20V
VDS = VGS, ID = 25μA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
Conditions
5.5
See Fig. 14
Max.
74
20
ƒ = 1.0MHz
m
Ω
58
f
260
μA
nA
ns
pF
A


Similar Part No. - IRLR8729PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8729PBF IRF-IRLR8729PBF Datasheet
367Kb / 11P
   HEXFET Power MOSFET
IRLR8729PBF IRF-IRLR8729PBF Datasheet
353Kb / 11P
   Ultra-Low Gate Impedance
IRLR8729PBF IRF-IRLR8729PBF_09 Datasheet
353Kb / 11P
   HEXFETPower MOSFET
IRLR8729PBF IRF-IRLR8729PBF_15 Datasheet
353Kb / 11P
   Ultra-Low Gate Impedance
More results

Similar Description - IRLR8729PBF-1_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com