Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2020EPK Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2020EPK
Description  20 V, 2 A low VF MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2020EPK Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2020EPK_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2020EPK_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2020EPK_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2020EPK_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2020EPK_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2020EPK_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2020EPK_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2020EPK_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2020EPK_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMEG2020EPK
20 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG2020EPK
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
10 February 2014
2 / 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IR
reverse current
VR = 10 V; Tj = 25 °C
-
70
350
µA
Dynamic characteristics
trr
reverse recovery time
IR = 0.5 A; IF = 0.5 A; IR(meas) = 0.1 A;
Tj = 25 °C
-
5
-
ns
[1] Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
1
2
Transparent top view
DFN1608D-2 (SOD1608)
sym001
1
2
[1] The marking bar indicates the cathode.
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMEG2020EPK
DFN1608D-2
DFN1608D-2: leadless ultra small plastic package; 2 terminals
SOD1608


Similar Part No. - PMEG2020EPK_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2020EPK NEXPERIA-PMEG2020EPK Datasheet
701Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG2020EPK_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2020EPAS PHILIPS-PMEG2020EPAS_15 Datasheet
230Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2020EPK NEXPERIA-PMEG2020EPK Datasheet
701Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG2020EPAS NEXPERIA-PMEG2020EPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2020CPAS PHILIPS-PMEG2020CPAS_15 Datasheet
231Kb / 15P
   20 V, 2 A low VF dual MEGA Schottky barrier rectifier
20 January 2015
logo
Nexperia B.V. All right...
PMEG2020CPAS NEXPERIA-PMEG2020CPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF dual MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG2010EPAS PHILIPS-PMEG2010EPAS_15 Datasheet
231Kb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
19 January 2015
PMEG2015EPK PHILIPS-PMEG2015EPK_15 Datasheet
1Mb / 14P
   20 V, 1.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-6 March 2012
PMEG2005EPK PHILIPS-PMEG2005EPK Datasheet
1Mb / 13P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 January 2012
logo
Nexperia B.V. All right...
PMEG2015EPK NEXPERIA-PMEG2015EPK Datasheet
1Mb / 15P
   20 V, 1.5 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com