Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLZ44NSPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLZ44NSPBF
Description  Advnaced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44NSPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLZ44NSPBF_15 Datasheet HTML 1Page - International Rectifier IRLZ44NSPBF_15 Datasheet HTML 2Page - International Rectifier IRLZ44NSPBF_15 Datasheet HTML 3Page - International Rectifier IRLZ44NSPBF_15 Datasheet HTML 4Page - International Rectifier IRLZ44NSPBF_15 Datasheet HTML 5Page - International Rectifier IRLZ44NSPBF_15 Datasheet HTML 6Page - International Rectifier IRLZ44NSPBF_15 Datasheet HTML 7Page - International Rectifier IRLZ44NSPBF_15 Datasheet HTML 8Page - International Rectifier IRLZ44NSPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRLZ44NS/LPbF
HEXFET® Power MOSFET
PD - 95156
l
Advanced Process Technology
l
Surface Mount (IRLZ44NS)
l
Low-profile through-hole (IRLZ44NL)
l
175°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
47
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
33
A
IDM
Pulsed Drain Current …
160
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
110
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy‚…
210
mJ
IAR
Avalanche Current
25
A
EAR
Repetitive Avalanche Energy
11
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest power capability and the lowest possible on-
resistance in any existing surface mount package. The
D2Pak is suitable for high current applications because of
its low internal connection resistance and can dissipate
up to 2.0W in a typical surface mount application.
The through-hole version (IRLZ44NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.022Ω
ID = 47A
2
D Pak
TO-262
S
D
G
4/21/04
l
Logic-Level Gate Drive
l
Lead-Free


Similar Part No. - IRLZ44NSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRLZ44NSPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ44NPBF IRF-IRLZ44NPBF_15 Datasheet
228Kb / 9P
   Advnaced Process Technology
IRLZ44ZPBF IRF-IRLZ44ZPBF_15 Datasheet
387Kb / 12P
   Advnaced Process Technology
logo
Alliance Semiconductor ...
AS6C8016A ALSC-AS6C8016A Datasheet
469Kb / 12P
   Process Technology
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com