Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3002ESF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG3002ESF
Description  30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3002ESF Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG3002ESF_15 Datasheet HTML 1Page - NXP Semiconductors PMEG3002ESF_15 Datasheet HTML 2Page - NXP Semiconductors PMEG3002ESF_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3002ESF_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3002ESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3002ESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3002ESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3002ESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3002ESF_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NXP Semiconductors
PMEG3002ESF
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG3002ESF
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
17 February 2015
4 / 14
aaa-006823
tp (s)
10-3
102
103
10
1
10-2
10-1
102
103
Zth(j-a)
(K/W)
10
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0
0.02
0.01
FR4 PCB, standard footprint
Fig. 1. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-006824
tp (s)
10-3
102
103
10
1
10-2
10-1
102
103
Zth(j-a)
(K/W)
10
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, mounting pad for anode and cathode 1 cm2 each
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values


Similar Part No. - PMEG3002ESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3002ESF NEXPERIA-PMEG3002ESF Datasheet
704Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG3002ESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3002AESF NEXPERIA-PMEG3002AESF Datasheet
213Kb / 13P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG3002AESF PHILIPS-PMEG3002AESF_15 Datasheet
192Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
13 February 2015
logo
Nexperia B.V. All right...
PMEG3002ESF NEXPERIA-PMEG3002ESF Datasheet
704Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG3002AELD PHILIPS-PMEG3002AELD_15 Datasheet
801Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
PMEG3002AELD NXP-PMEG3002AELD Datasheet
801Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
logo
Nexperia B.V. All right...
PMEG3002AELD NEXPERIA-PMEG3002AELD Datasheet
1Mb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 19 April 2011
logo
NXP Semiconductors
PMEG2002AESF PHILIPS-PMEG2002AESF_15 Datasheet
197Kb / 14P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
22 January 2014
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
   40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG2002ESF NEXPERIA-PMEG2002ESF Datasheet
211Kb / 13P
   20 V, 0.2 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com