Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3002TV Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG3002TV
Description  0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3002TV Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG3002TV_15 Datasheet HTML 1Page - NXP Semiconductors PMEG3002TV_15 Datasheet HTML 2Page - NXP Semiconductors PMEG3002TV_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3002TV_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3002TV_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3002TV_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3002TV_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3002TV_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3002TV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PMEG3002TV_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2010
5 of 10
NXP Semiconductors
PMEG3002TV
0.2 A very low VF MEGA Schottky barrier dual rectifier
(1) Tamb = 125 °C
(2) Tamb = 100 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
(1) Tamb = 125 °C
(2) Tamb = 100 °C
(3) Tamb =85 °C
(4) Tamb =25 °C
(5) Tamb = −40 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
Tamb =25 °C; f = 1 MHz
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
006aaa660
VF (V)
0
0.6
0.4
0.2
1
10
102
103
IF
(mA)
10−1
(1)
(2)
(3)
(4)
(5)
006aaa661
10−2
1
102
104
10−3
10−1
10
103
IR
(
μA)
10−4
VR (V)
030
25
20
515
10
(1)
(2)
(3)
(4)
(5)
001aaa353
VR (V)
030
20
10
20
10
30
40
Cd
(pF)
0


Similar Part No. - PMEG3002TV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002TV PHILIPS-PMEG3002TV Datasheet
57Kb / 10P
   0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Rev. 01-21 October 2005
logo
Nexperia B.V. All right...
PMEG3002TV NEXPERIA-PMEG3002TV Datasheet
190Kb / 8P
   30 V, 0.2 A very low VF Schottky barrier dual rectifier
28 December 2022
More results

Similar Description - PMEG3002TV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002TV PHILIPS-PMEG3002TV Datasheet
57Kb / 10P
   0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Rev. 01-21 October 2005
PMEG4002EB NXP-PMEG4002EB Datasheet
102Kb / 8P
   0.2 A very low VF MEGA Schottky barrier rectifier in SOD523 package
Rev. 02-13 January 2010
logo
Nexperia B.V. All right...
PMEG6002EB NEXPERIA-PMEG6002EB Datasheet
645Kb / 10P
   0.2 A very low VF MEGA Schottky barrier rectifiers
Rev. 01 - 24 November 2006
logo
NXP Semiconductors
PMEG6002EB NXP-PMEG6002EB Datasheet
74Kb / 10P
   0.2 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-24 November 2006
PMEG3015EV PHILIPS-PMEG3015EV Datasheet
58Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 01-4 April 2005
logo
Nexperia B.V. All right...
PMEG6002EB-Q NEXPERIA-PMEG6002EB-Q Datasheet
184Kb / 8P
   60 V, 0.2 A very low VF MEGA Schottky barrier rectifier
26 April 2022
logo
NXP Semiconductors
PMEG3015EV PHILIPS-PMEG3015EV_15 Datasheet
112Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 02-4 February 2010
PMEG3002AEL NXP-PMEG3002AEL Datasheet
101Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
PMEG3002AEL PHILIPS-PMEG3002AEL_15 Datasheet
101Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
PMEG3002AEL PHILIPS-PMEG3002AEL Datasheet
45Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-24 February 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com