Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3005AESF Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEG3005AESF
Description  30 V, 0.5 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3005AESF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEG3005AESF_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 9Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 10Page - NXP Semiconductors PMEG3005AESF_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NXP Semiconductors
PMEG3005AESF
30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3005AESF
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
16 February 2015
7 / 14
aaa-011524
10-3
10-2
10-1
1
IF
(A)
10-4
VF (V)
0
1.0
0.8
0.4
0.6
0.2
(1)
(2)
(3)
(4)
(5)
pulsed condition
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj = 85 °C
(4) Tj = 25 °C
(5) Tj = −40 °C
Fig. 4. Forward current as a function of forward
voltage; typical values
aaa-011533
10-1
10-2
10-3
10-4
10-5
10-6
10-7
10-8
IR
(A)
10-9
VR (V)
0
30
20
10
(1)
(2)
(3)
(4)
(5)
pulsed condition
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj = 85 °C
(4) Tj = 25 °C
(5) Tj = −40 °C
Fig. 5. Reverse current as a function of reverse
voltage; typical values
aaa-011534
VR (V)
0
30
20
10
20
10
30
40
Cd
(pF)
0
f = 1 MHz; Tamb = 25 °C
Fig. 6. Diode capacitance as a function of reverse
voltage; typical values
IF(AV) (A)
0
0.8
0.6
0.2
0.4
aaa-011574
0.2
0.3
0.1
0.4
0.5
PF(AV)
(W)
0
(1)
(2)
(3)
(4)
Tj = 150 °C
(1) δ = 0.1
(2) δ = 0.2
(3) δ = 0.5
(4) δ = 1
Fig. 7. Average forward power dissipation as a
function of average forward current; typical
values


Similar Part No. - PMEG3005AESF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3005AESF NEXPERIA-PMEG3005AESF Datasheet
212Kb / 13P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG3005AESF_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005ESF PHILIPS-PMEG3005ESF_15 Datasheet
194Kb / 14P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
6 February 2015
logo
Nexperia B.V. All right...
PMEG3005EEF NEXPERIA-PMEG3005EEF Datasheet
233Kb / 13P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
6 December 2018
PMEG3005ESF NEXPERIA-PMEG3005ESF Datasheet
214Kb / 13P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3005EGW NEXPERIA-PMEG3005EGW Datasheet
683Kb / 12P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3005AESF NEXPERIA-PMEG3005AESF Datasheet
212Kb / 13P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG3005ET-Q NEXPERIA-PMEG3005ET-Q Datasheet
196Kb / 9P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
14 February 2022
PMEG3005EJ NEXPERIA-PMEG3005EJ Datasheet
211Kb / 8P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005EJ-Q NEXPERIA-PMEG3005EJ-Q Datasheet
186Kb / 10P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
6 August 2021
PMEG3005EH NEXPERIA-PMEG3005EH Datasheet
211Kb / 8P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG3005EH-Q NEXPERIA-PMEG3005EH-Q Datasheet
185Kb / 10P
   30 V, 0.5 A very low VF MEGA Schottky barrier rectifier
25 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com