Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3010AESA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG3010AESA
Description  30 V, 1 A low VF MEGA Schottky barrier rectifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3010AESA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG3010AESA_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3010AESA_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3010AESA_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3010AESA_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3010AESA_15 Datasheet HTML 9Page - NXP Semiconductors PMEG3010AESA_15 Datasheet HTML 10Page - NXP Semiconductors PMEG3010AESA_15 Datasheet HTML 11Page - NXP Semiconductors PMEG3010AESA_15 Datasheet HTML 12Page - NXP Semiconductors PMEG3010AESA_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NXP Semiconductors
PMEG3010AESA
30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010AESA
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Preliminary data sheet
3 August 2015
9 / 15
Tsp (°C)
0
50
100
150
175
125
75
25
aaa-016858
0.5
1.0
1.5
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tj = 150 °C
(1) δ = 1 (DC)
(2) δ = 0.5; f = 20 kHz
(3) δ = 0.2; f = 20 kHz
(4) δ = 0.1; f = 20 kHz
Fig. 12. Average forward current as a function of solder point temperature; typical values
11. Test information
time
IF
IR
trr
IR(meas)
006aad022
Fig. 13. Reverse recovery definition; step recovery
t1
t2
P
t
006aaa812
duty cycle δ =
t1
t2
Fig. 14. Duty cycle definition


Similar Part No. - PMEG3010AESA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3010AESA NEXPERIA-PMEG3010AESA Datasheet
745Kb / 15P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG3010AESA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3010AESA NEXPERIA-PMEG3010AESA Datasheet
745Kb / 15P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010AESB NEXPERIA-PMEG3010AESB Datasheet
701Kb / 15P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG3010AESB PHILIPS-PMEG3010AESB_15 Datasheet
206Kb / 14P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
18 June 2015
logo
Nexperia B.V. All right...
PMEG3010EP-Q NEXPERIA-PMEG3010EP-Q Datasheet
253Kb / 13P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
1 November 2021
PMEG3010ER-Q NEXPERIA-PMEG3010ER-Q Datasheet
259Kb / 13P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
1 November 2021
PMEG3010ESB NEXPERIA-PMEG3010ESB Datasheet
698Kb / 15P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG3010ESB PHILIPS-PMEG3010ESB_15 Datasheet
202Kb / 14P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
1 July 2015
logo
Nexperia B.V. All right...
PMEG3010EGW NEXPERIA-PMEG3010EGW Datasheet
683Kb / 12P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3020EGW NEXPERIA-PMEG3020EGW Datasheet
682Kb / 12P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG3005EGW NEXPERIA-PMEG3005EGW Datasheet
683Kb / 12P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com