Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3010CEH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG3010CEH
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3010CEH Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG3010CEH_15 Datasheet HTML 1Page - NXP Semiconductors PMEG3010CEH_15 Datasheet HTML 2Page - NXP Semiconductors PMEG3010CEH_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3010CEH_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3010CEH_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3010CEH_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3010CEH_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3010CEH_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3010CEH_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PMEG3010CEH_PMEG3010CEJ_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 22 March 2007
4 of 10
NXP Semiconductors
PMEG3010CEH; PMEG3010CEJ
1 A very low VF MEGA Schottky barrier rectifiers
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 1 mA
-
200
240
mV
IF = 10 mA
-
260
310
mV
IF = 100 mA
-
330
390
mV
IF = 500 mA
-
400
440
mV
IF = 700 mA
-
420
450
mV
IF = 1 A
-
450
520
mV
IR
reverse current
VR = 5 V
-
1.2
-
µA
VR =10V
-
1.8
-
µA
VR =30V
-
10
50
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
-
90
100
pF


Similar Part No. - PMEG3010CEH_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3010CEH-Q NEXPERIA-PMEG3010CEH-Q Datasheet
191Kb / 9P
   30 V, 1 A very low VF Schottky barrier rectifier
15 July 2022
More results

Similar Description - PMEG3010CEH_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG2010EH NEXPERIA-PMEG2010EH Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG3010EH NXP-PMEG3010EH_07 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG6010CEH NXP-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG4010CEH NEXPERIA-PMEG4010CEH Datasheet
679Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 22 March 2007
logo
NXP Semiconductors
PMEG2010AEH NXP-PMEG2010AEH Datasheet
77Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-28 March 2007
PMEG2010EH NXP-PMEG2010EH Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG4010CEH NXP-PMEG4010CEH Datasheet
107Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG4010EJ PHILIPS-PMEG4010EJ Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com