Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCF188 Datasheet(PDF) 10 Page - International Rectifier

Part # IRMCF188
Description  High Performance Sensorless Motor Control IC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF188 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRMCF188 Datasheet HTML 6Page - International Rectifier IRMCF188 Datasheet HTML 7Page - International Rectifier IRMCF188 Datasheet HTML 8Page - International Rectifier IRMCF188 Datasheet HTML 9Page - International Rectifier IRMCF188 Datasheet HTML 10Page - International Rectifier IRMCF188 Datasheet HTML 11Page - International Rectifier IRMCF188 Datasheet HTML 12Page - International Rectifier IRMCF188 Datasheet HTML 13Page - International Rectifier IRMCF188 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
IRMCF188
10
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 28, 2014
P1.2/ TXD
P1.1/ RXD
XTAL0
PWMUH
PWMUL
PWMVH
PWMVL
PWMWH
PWMWL
GATEKILL
AIN1 – AIN4
Host
Microcontroller
(RS232C)
Digital I/O
Control
System
Clock
4 MHz
Crystal
P2.6/ AOPWM0
Analog Output
XTAL1
P3.0/ INT2
RESET
TDI
JTAG Control
( OTP programming
& Emulation)
T CLK
TSM
TDO
0.6V
OP2+
OP2-
OP2O
Other analog input (0 – 1,2V)
AVDD
1.8V
AVSS
VDD1
3.3V
VSS
CMEXT
OP3+
OP3-
OP3O
OP1+
OP1-
OP1O
Optional External Voltage
Reference (0.6V)
P2.7/ AOPWM1
SCL
SDA
Other Communication
(I
2 C)
Frequency
Synthesizer
RS232C
I
2 C/SPI
PORT1
PORT2
RESET
PWM0
PWM1
JTAG
Interface
Low Loss
Space
Vector
PWM
S/H
8051
CPU
Dual
Port
Memory
(2kB)
&
MCE
Memory
(12kB)
Motion
Control
Modules
Motion
Control
Sequencer
12-bit
A/D &
MUX
System
clock
Local
RAM
(2 kByte)
Program
Flash
(64 kByte)
System
Reset
Watchdog
Timer
Timers
IRMCF188
AREF
PWM2
P3.1/ AOPWM2
PORT3
P1.6
P1.7
P2.2
P2.0/ NMI
P2.3
P3.2/ INT0
4
3.3V
1.8V
Voltage
Regulator
VDDCAP
3.3V
Motor
shunt
resistor
P3.3
P3.4
P3.5
P2.1
Motor
HVIC
Gate Drive
IRS2336D
0.6V
Motor
Current
Reconstruct
0.2V
From PFC
shunt
AC 230V
PFCPWM
PFC GATEKILL
PFC shunt
resistor
P1.3/SYNC
P1.0/T2
P1.4/CAP
S/H
ADCH, ADCL
2
A/D Calibration Reference
Voltages
From AC
Voltage
VDCBUS
P1.5
Figure 5. IRMCF188 Single Shunt Connection Diagram
4.1
8051 Peripheral Interface Group
UART Interface
P1.2/TXD
Output, Transmit data from IRMCF188
P1.1/RXD
Input, Receive data to IRMCF188
Discrete I/O Interface
P1.0/T2
Input/output port 1.0, can be configured as Timer/Counter 2 input
P1.1/RXD
Input/output port 1.1, can be configured as RXD input
P1.2/TXD
Input/output port 1.2, can be configured as TXD output
P1.3/SYNC/SCK
Input/output port 1.3, can be configured as SYNC output or SPI clock output
P1.4/CAP
Input/output port 1.4, can be configured as Capture Timer input
P1.5
Input/output port 1.5
P1.6
Input/output port 1.6
P1.7
Input/output port 1.6
P2.0/NMI
Input/output port 2.0, can be configured as non-maskable interrupt input
P2.2
Input/output port 2.2
P2.3
Input/output port 2.3
P2.6/AOPWM0
Input/output port 2.6, can be configured as AOPWM0 output


Similar Part No. - IRMCF188

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF188TR IRF-IRMCF188TR Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF188TY IRF-IRMCF188TY Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
More results

Similar Description - IRMCF188

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF183 IRF-IRMCF183_15 Datasheet
812Kb / 31P
   High Performance Sensorless Motor Control IC
IRMCK182M IRF-IRMCK182M_15 Datasheet
517Kb / 33P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
   Dual Motor High Performance Sensorless Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com