Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3010EP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEG3010EP
Description  1 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3010EP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEG3010EP_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3010EP_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3010EP_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3010EP_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3010EP_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3010EP_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3010EP_15 Datasheet HTML 9Page - NXP Semiconductors PMEG3010EP_15 Datasheet HTML 10Page - NXP Semiconductors PMEG3010EP_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PMEG3010EP_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 30 December 2008
7 of 13
NXP Semiconductors
PMEG3010EP
1 A low VF MEGA Schottky barrier rectifier
Tj = 150 °C
(1)
δ = 0.1
(2)
δ = 0.2
(3)
δ = 0.5
(4)
δ =1
Tj = 125 °C
(1)
δ =1
(2)
δ = 0.9
(3)
δ = 0.8
(4)
δ = 0.5
Fig 7.
Average forward power dissipation as a
function of average forward current; typical
values
Fig 8.
Average reverse power dissipation as a
function of reverse voltage; typical values
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 9.
Average forward current as a function of
ambient temperature; typical values
Fig 10. Average forward current as a function of
ambient temperature; typical values
006aab302
IF(AV) (A)
0
1.5
1
0.5
0.2
0.1
0.3
0.4
PF(AV)
(W)
0
(1)
(2)
(3)
(4)
VR (V)
030
20
10
006aab303
3.5
PR(AV)
(W)
0
0.5
1
1.5
2
2.5
3
(1)
(2)
(3)
(4)
Tamb (°C)
175
125
25
150
100
50
075
006aab304
0.8
0.4
1.2
1.6
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
Tamb (°C)
175
125
25
150
100
50
075
006aab305
0.8
0.4
1.2
1.6
IF(AV)
(A)
0
(1)
(2)
(3)
(4)


Similar Part No. - PMEG3010EP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010EP115 NXP-PMEG3010EP115 Datasheet
97Kb / 13P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD128 small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 01-30 December 2008
More results

Similar Description - PMEG3010EP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EP NXP-PMEG4010EP Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG4010ER NXP-PMEG4010ER Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG2010BER PHILIPS-PMEG2010BER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG2010ER PHILIPS-PMEG2010ER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG3010ER NXP-PMEG3010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG4010ER NXP-PMEG4010ER_10 Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 02-15 April 2010
PMEG2010ER NXP-PMEG2010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG3010BEP NXP-PMEG3010BEP Datasheet
98Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01 ??20 April 2009
logo
Nexperia B.V. All right...
PMEG3010BEA-Q NEXPERIA-PMEG3010BEA-Q Datasheet
201Kb / 10P
   1 A low VF MEGA Schottky barrier rectifier
25 October 2021
logo
NXP Semiconductors
PMEG6010ER NXP-PMEG6010ER Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com