Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S57P1 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S57P1
Description  FOR AUTOMOTIVE 150C OPERATION HIGH-WITHSTAND VOLTAGE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S57P1 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S57P1 Datasheet HTML 1Page - Seiko Instruments Inc S57P1 Datasheet HTML 2Page - Seiko Instruments Inc S57P1 Datasheet HTML 3Page - Seiko Instruments Inc S57P1 Datasheet HTML 4Page - Seiko Instruments Inc S57P1 Datasheet HTML 5Page - Seiko Instruments Inc S57P1 Datasheet HTML 6Page - Seiko Instruments Inc S57P1 Datasheet HTML 7Page - Seiko Instruments Inc S57P1 Datasheet HTML 8Page - Seiko Instruments Inc S57P1 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FOR AUTOMOTIVE 150°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.1.1_00
S-57P1 S Series
Seiko Instruments Inc.
5
Electrical Characteristics
Table 6
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
2.7
12.0
26.0
V
Current consumption
IDD
Average value
3.0
4.0
mA
1
Current consumption
during reverse connection
IDDREV VDD =
−26.0 V
−0.1
mA
1
Output voltage
VOUT
IOUT = 10 mA
0.4
V
2
Leakage current
ILEAK
Output transistor Nch, VOUT = 26.0 V
1
μA
3
Operating cycle
tCYCLE
8.0
μs
Operating frequency
fCYCLE
125
kHz
Output limit current
IOM
VOUT = 12.0 V
22
70
mA
3
Start up time
tPON
20
μs


Similar Part No. - S57P1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
S57 SUMIDA-S57 Datasheet
158Kb / 1P
   RF COILS
logo
Bel Fuse Inc.
S570-1328-00 BEL-S570-1328-00 Datasheet
48Kb / 1P
   COMMON MODE CHOKE
logo
Laird Tech Smart Techno...
S5703BH7SMF LSTD-S5703BH7SMF Datasheet
332Kb / 1P
   Healthcare facilities
logo
Seiko Instruments Inc
S5712A SII-S5712A Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results

Similar Description - S57P1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19311 SII-S19311 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57A1 SII-S57A1 Datasheet
273Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S57K1 SII-S57K1 Datasheet
281Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19500 SII-S19500 Datasheet
1Mb / 52P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
S19212BXXH SII-S19212BXXH Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S19212BXXA SII-S19212BXXA Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com