Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5852A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S5852A
Description  HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5852A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S5852A Datasheet HTML 1Page - Seiko Instruments Inc S5852A Datasheet HTML 2Page - Seiko Instruments Inc S5852A Datasheet HTML 3Page - Seiko Instruments Inc S5852A Datasheet HTML 4Page - Seiko Instruments Inc S5852A Datasheet HTML 5Page - Seiko Instruments Inc S5852A Datasheet HTML 6Page - Seiko Instruments Inc S5852A Datasheet HTML 7Page - Seiko Instruments Inc S5852A Datasheet HTML 8Page - Seiko Instruments Inc S5852A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR WITH THERMOSTAT FUNCTION
Rev.1.0_00
S-5852A Series
Seiko Instruments Inc.
5
Absolute Maximum Ratings
Table 4
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
−0.3 to +4.3
V
Input voltage (SCL, A0, A1, A2)
VIN
−0.3 to +4.3
V
I/O voltage (SDA)
VIO
−0.3 to +4.3
V
Output voltage (TMS
_______
)
VOUT
−0.3 to +4.3
V
Operation ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−65 to +150
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Recommended Operation Conditions
Table 5
Item
Symbol
Min.
Max.
Unit
Power supply voltage
VDD
1.7
3.6
V
Operation ambient temperature
Topr
−40
+125
°C
High level input voltage
VIH
0.7
× VDD
3.6
V
Low level input voltage
VIL
−0.3
0.3
× VDD
V
Pin Capacitance
Table 6
(Ta =
+25°C, fSCL = 1.0 MHz, VDD = 2.5 V)
Item
Symbol
Condition
Min.
Max.
Unit
Input capacitance
CIN
VIN = 0 V (SCL, A0, A1, A2)
6
pF
I/O capacitance
CI/O
VI/O = 0 V (SDA)
8
pF
Output capacitance
COUT
VOUT = 0 V (TMS
_______
)
8
pF


Similar Part No. - S5852A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
logo
Bothhand USA, LP.
S5856 BOTHHAND-S5856 Datasheet
246Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMER
More results

Similar Description - S5852A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
   짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
   짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
   짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com