Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5930 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5930
Description  Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5930 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5930 Datasheet HTML 2Page - Maxim Integrated Products MAX5930 Datasheet HTML 3Page - Maxim Integrated Products MAX5930 Datasheet HTML 4Page - Maxim Integrated Products MAX5930 Datasheet HTML 5Page - Maxim Integrated Products MAX5930 Datasheet HTML 6Page - Maxim Integrated Products MAX5930 Datasheet HTML 7Page - Maxim Integrated Products MAX5930 Datasheet HTML 8Page - Maxim Integrated Products MAX5930 Datasheet HTML 9Page - Maxim Integrated Products MAX5930 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low-Voltage, Triple, Hot-Swap Controllers/
Power Sequencers/Voltage Trackers
6
_______________________________________________________________________________________
TURN-OFF TIME
SLOW-COMPARATOR FAULT
VSTATX
2V/div
VGATEX
5V/div
VINX - VSENSEX
25mV/div
AC-COUPLED
0V
0V
1ms/div
TURN-OFF TIME
FAST-COMPARATOR FAULT
VSTATX
2V/div
VGATEX
5V/div
VINX - VSENSEX
100mV/div
0V
0V
0V
100ns/div
STARTUP WAVEFORMS FAST TURN-ON
(CGATE = 0nF, CBOARD = 1000
µF)
VONX
5V/div
VGATEX
10V/div
VSTATX
5V/div
IOUTX
2A/div
VOUTX
5V/div
2ms/div
STARTUP WAVEFORMS SLOW TURN-ON
(CGATE = 0.22
µF, CBOARD = 1000µF)
VON
5V/div
VGATEX
10V/div
VSTATX
5V/div
IOUTX
2A/div
VOUTX
5V/div
2ms/div
AUTORETRY DELAY
VGATEX
2V/div
0V
0V
0V
VOUTX
2V/div
IOUTX
500mA/div
100ms/div
TURN-ON IN
VOLTAGE-TRACKING MODE
VINX
2V/div
0V
0V
VONX
2V/div
5V/div
4ms/div
VPWRRDY
VGATEY
VGATEX
Typical Operating Characteristics (continued)
(Typical Operating Circuits, Q1 = Q2 = Q3 = Fairchild FDB7090L, VIN1 = +12.0V, VIN2 = +5.0V, VIN3 = +1V, TA = +25°C, unless oth-
erwise noted. Channels 1 through 3 are identical in performance. Where characteristics are interchangeable, channels 1 through 3
are referred to as X, Y, and Z.)


Similar Part No. - MAX5930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5927 MAXIM-MAX5927 Datasheet
692Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 8/03
MAX5904 MAXIM-MAX5904 Datasheet
526Kb / 22P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
19-2238; Rev 2; 11/03
MAX5929 MAXIM-MAX5929 Datasheet
574Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 1; 1/04
MAX5904 MAXIM-MAX5904_V01 Datasheet
634Kb / 24P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
2005
MAX5927A MAXIM-MAX5927A Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589 Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
logo
Maxim Integrated Produc...
MAX6877 MAXIM-MAX6877 Datasheet
307Kb / 24P
   Dual-/Triple-Voltage, Power-Supply Trackers/Sequencers/Supervisors
Rev 0; 7/05
logo
Linear Technology
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com