Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5941A Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5941A
Description  IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5941A Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5941A Datasheet HTML 5Page - Maxim Integrated Products MAX5941A Datasheet HTML 6Page - Maxim Integrated Products MAX5941A Datasheet HTML 7Page - Maxim Integrated Products MAX5941A Datasheet HTML 8Page - Maxim Integrated Products MAX5941A Datasheet HTML 9Page - Maxim Integrated Products MAX5941A Datasheet HTML 10Page - Maxim Integrated Products MAX5941A Datasheet HTML 11Page - Maxim Integrated Products MAX5941A Datasheet HTML 12Page - Maxim Integrated Products MAX5941A Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
IEEE 802.3af-Compliant Power-Over-Ethernet
Interface/PWM Controller for Power Devices
_______________________________________________________________________________________
9
47.0
47.2
47.1
47.4
47.3
47.6
47.5
47.7
47.9
47.8
48.0
010
15
5
2025303540
MAXIMUM DUTY CYCLE vs. VDD
VDD (V)
VOPTO = 4V, CS = V-
DRIVER POWERED
FROM V+
DRIVER POWERED
FROM VDD
9.5
9.6
9.8
9.7
10.0
10.1
9.9
10.2
010
15
5
2025303540
VCC vs. VDD
VDD (V)
DEVICE POWERED FROM VDD
DEVICE POWERED
FROM V+
1.31
1.33
1.32
1.36
1.35
1.34
1.39
1.38
1.37
1.40
040
20
60
80
100
V+ SUPPLY CURRENT
vs. V+ VOLTAGE
V+ VOLTAGE (V)
VOPTO = 4V, CS = VDD = V-
0
6
4
2
8
10
12
040
30
10 20
50 60 70 80 90
110
V+ INPUT CURRENT vs. VOLTAGE
(AFTER STARTUP)
V+ VOLTAGE (V)
100
VOPTO = 4V, CS = V-, VDD = 13V
9.0
9.4
9.2
9.8
9.6
10.2
10.0
10.4
VCC VOLTAGE vs. VCC CURRENT
VCC CURRENT (mA)
0
5
10
15
20
V+ = 67V, OPTO = CS = V-
VDD = 36V
VDD = 13V
9.0
9.3
9.2
9.1
9.4
9.5
9.6
9.7
9.8
9.9
10.0
0
5
10
15
20
VCC VOLTAGE vs. VCC CURRENT
VCC CURRENT (mA)
VDD = OPTO = CS = V-
V+ = 48V
V+ = 67V
V+ = 36V
V+ = 24V
Typical Operating Characteristics (continued)
(VIN = (GND - VEE) = 48V, GATE = PGOOD = PGOOD = OUT = OPEN, UVLO = VEE, VDD = 13V, NDRV floating, TA = TMIN to TMAX.
Typical values are at TA = +25°C. All voltages are referenced to VEE (for graphs 1–11 in the Typical Operating Characteristics), all
voltages are referenced to V- (for graphs 12–30 in the Typical Operating Characteristics), unless otherwise noted.)


Similar Part No. - MAX5941A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5941ACSE MAXIM-MAX5941ACSE Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5941AESE MAXIM-MAX5941AESE Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
More results

Similar Description - MAX5941A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com