Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5942A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5942A
Description  IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5942A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5942A Datasheet HTML 1Page - Maxim Integrated Products MAX5942A Datasheet HTML 2Page - Maxim Integrated Products MAX5942A Datasheet HTML 3Page - Maxim Integrated Products MAX5942A Datasheet HTML 4Page - Maxim Integrated Products MAX5942A Datasheet HTML 5Page - Maxim Integrated Products MAX5942A Datasheet HTML 6Page - Maxim Integrated Products MAX5942A Datasheet HTML 7Page - Maxim Integrated Products MAX5942A Datasheet HTML 8Page - Maxim Integrated Products MAX5942A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
IEEE 802.3af Power-Over-Ethernet
Interface/PWM Controller for Power Devices
_______________________________________________________________________________________
5
IIN
IINi +1
IINi
IOFFSET
dRi
1V
VINi
VINi +1
IOFFSET
≅ IINi -
VINi
dRi
dRi
(VINi + 1 - VINi)
=
1V
(IINi + 1 - IINi)
(IINi + 1 - IINi)
Figure 1. Effective Differential Input Resistance/Offset Current
ELECTRICAL CHARACTERISTICS (PWM Controller) (continued)
(All voltages referenced to V-. VDD = 13V, a 10µF capacitor connects VCC to V-, VCS = V-, V+ = 48V, 0.1µF capacitor connected to
SS_SHDN, NDRV = open circuit, VFB = 3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1:
All min/max limits for the PD interface are production tested at +85°C (extended grade)/+70°C (commercial grade). Limits
at +25°C and -40°C are guaranteed by design. All PWM controller min/max limits are 100% production tested at +25°C
and +85°C (extended grade)/+70°C (commercial grade). Limits at -40°C are guaranteed by design, unless otherwise
noted.
Note 2:
The input offset current is illustrated in Figure 1.
Note 3:
Effective differential input resistance is defined as the differential resistance between GND and VEE without any external
resistance.
Note 4:
Classification current is turned off whenever the IC is in power mode.
Note 5:
See Table 2 in the PD Classification Mode section. RDISC and RCL must be 100ppm or better.
Note 6:
See Thermal Dissipation section for details.
Note 7:
When UVLO is connected to the midpoint of an external resistor-divider with a series resistance of 25.5k
Ω (±1%), the turn-
on threshold set point for the power mode is defined by the external resistor-divider. Make sure the voltage on the UVLO
pin does not exceed its maximum rating of 8V when VIN is at the maximum voltage.
Note 8:
When the VUVLO is below VTH, G, UVLO, the MAX5942_ sets the turn-on voltage threshold internally (VUVLO,ON).
Note 9:
An input voltage or VUVLO glitch below their respective thresholds shorter than or equal to tOFF_DLY will not cause the
MAX5942A/MAX5942B to exit power-on mode (as long as the input voltage remains above an operable voltage level of 12V).
Note 10: PGOOD references to OUT while PGOOD references to VEE.
Note 11: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SOFT-START
SS Source Current
ISSO
VSS_SHDN = V-
2.0
4.5
6.5
µA
SS Sink Current
1mA
Peak Soft-Start Voltage Clamp
No external load
2.331
2.420
2.500
V
VSS_SHDN falling (Note 11)
0.25
0.37
0.41
Shutdown Threshold
VSS_SHDN rising (Note 11)
0.53
0.59
0.65
V


Similar Part No. - MAX5942A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942ACSE MAXIM-MAX5942ACSE Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942AESE MAXIM-MAX5942AESE Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
More results

Similar Description - MAX5942A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com