Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5939FESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5939FESA
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5939FESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5939FESA Datasheet HTML 5Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 6Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 7Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 8Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 9Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 10Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 11Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 12Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
_______________________________________________________________________________________
9
Board Insertion
Figure 6a shows a typical hot-swap circuit for -48V sys-
tems. When the circuit board first makes contact with
the backplane, the DRAIN to GATE capacitance (Cgd)
of Q1 pulls up the GATE voltage to roughly IVEE x
(Cgd/Cgd + Cgs)I. The MAX5921/MAX5939 feature an
internal dynamic clamp between GATE and VEE to
keep the gate-to-source voltage of Q1 low during hot
insertion preventing Q1 from passing an uncontrolled
current to the load. For most applications, the internal
clamp between GATE and VEE of the MAX5921/
MAX5939 eliminates the need for an external gate-to-
source capacitor. The resistor R3 limits the current into
the clamp circuitry during card insertion.
Power-Supply Ramping
The MAX5921/MAX5939 can reside either on the back-
plane or the removable circuit board (Figure 6a). Power
is delivered to the load by placing an external N-chan-
nel MOSFET pass transistor in the power-supply path.
After the circuit board is inserted into the backplane,
and the supply voltage at VEE is stable and within the
undervoltage and overvoltage tolerance, the
MAX5921/MAX5939 gradually turn on the external
MOSFET by charging the gate of Q1 with a 45µA cur-
rent source. Capacitor C2 provides a feedback signal
to accurately limit the inrush current.
The inrush current can be calculated:
IINRUSH = IPU x CL / C2
where CL is the total load capacitance, C3 + C4, and
IPU is the gate pullup current.
Figure 6b shows the inrush current waveform. The cur-
rent through C2 controls the GATE voltage. At the end
of the DRAIN ramp, the GATE voltage is charged to its
final value. The GATE-to-SENSE clamp limits the maxi-
mum
∆VGATE to 18V.
Board Removal
If the circuit card is removed from the backplane, the volt-
age at the UV falls below the UVLO detect threshold, and
the MAX5921/MAX5939 turn off the external MOSFET.
Current Limit and Electronic Circuit
Breaker
The MAX5921/MAX5939 provide current-limiting and cir-
cuit-breaker features that protect against excessive load
current and short-circuit conditions. The load current is
monitored by sensing the voltage across an external
sense resistor connected between VEE and SENSE.
MAX5921
MAX5939
VEE
OV
UV
SENSE
GATE
DRAIN
PWRGD
VDD
-48V RTN
-48V RTN
SHORT PIN
VIN+
VIN-
VICOR
VI-J3D-CY
-48V
GATE IN
C4
100
µF
100V
C3
0.1
µF
100V
C2
15nF
100V
R3
1k
5%
R2
10
5%
Q1
IRF530
R1
0.02
5%
R4
549k
1%
R5
6.49k
1%
R6
10k
1%
4.7nF
Figure 6a. Inrush Control Circuitry/Typical Application Circuit


Similar Part No. - MAX5939FESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5939FESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
   -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com