Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5939FESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5939FESA
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5939FESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5939FESA Datasheet HTML 1Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 2Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 3Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 4Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 5Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 6Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 7Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 8Page - Maxim Integrated Products MAX5939FESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VEE = 0V, VDD = 48V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Notes 1, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWRGD OUTPUT SIGNAL (REFERENCED TO DRAIN)
DRAIN Input Current
IDRAIN
VDRAIN = 48V
10
80
250
µA
DRAIN Threshold for PWRGD
VDL
VDRAIN - VEE threshold for power-good
condition, DRAIN decreasing
1.1
1.7
2.0
V
GATE High Threshold
VGH
∆VGATE - VGATE, decreasing
1.0
1.6
2.0
V
VPWRGD = 80V, VDRAIN = 48V
10
PWRGD,
PWRGD Output
Leakage
IOH
VPWRGD = 80V, VDRAIN = 0V
10
µA
PWRGD Low Voltage
(VPWRGD - VEE)
VOL
VDRAIN - VEE < VDL, ISINK = 5mA
(A, E versions)
0.11
0.4
V
PWRGD Low Voltage
(VPWRGD - VDRAIN)
VOL
VDRAIN = 5V, ISINK = 5mA (B, F versions)
0.11
0.4
V
OVERTEMPERATURE PROTECTION
Overtemperature Threshold
TOT(TH)
Junction temperature, temperature rising
135
°C
Overtemperature Hysteresis
THYS
See Thermal Shutdown section
20
°C
AC PARAMETERS
OV High to GATE Low
tPHLOV
Figures 1a, 2
0.5
µs
UV Low to GATE Low
tPHLUV
Figures 1a, 3
0.4
µs
OV Low to GATE High
tPLHOV
Figures 1a, 2
3.3
µs
UV High to GATE High
tPLHUV
Figures 1a, 3
8.4
ms
SENSE High to GATE Low
tPHLSENSE
Figures 1a, 4a
1
µs
A, B versions
0.35
0.5
0.65
Current Limit to GATE Low
tPHLCL
Time from continuous
current limit to GATE
shutdown (see Overcurrent
Fault Integrator section),
Figures 1b, 4b
E, F versions
1.4
2.0
2.6
ms
Figures 1a, 5a; A and E versions
8.2
DRAIN Low to
PWRGD Low
DRAIN Low to (PWRGD - DRAIN)
High
tPHLDL
Figures 1a, 5a; B and F versions
8.2
ms
Figures 1a, 5b; A and E versions
8.2
GATE High to
PWRGD Low
GATE High to (PWRGD - DRAIN)
High
tPHLGH
Figures 1a, 5b; B and F versions
8.2
ms
TURN-OFF
Latch-Off Period
tOFF
(Note 3)
A, B, E, F versions
128 x
tPHLCL
ms
Note 1:
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to VEE,
unless otherwise specified.
Note 2:
Gate pulldown current after the current limit to GATE low (tPHLCL) time has elapsed.
Note 3:
Minimum duration of GATE pulldown following a circuit breaker fault. The MAX5921_ automatically restarts after a circuit
breaker fault. The MAX5939_ is latched off and can be reset by toggling UV low. The GATE pulldown does not release until
tOFF has elapsed.
Note 4:
The min/max limits are 100% production tested at +25°C and +85°C and guaranteed by design at -40°C.


Similar Part No. - MAX5939FESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5939FESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
   -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com