Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5941BCSE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5941BCSE
Description  IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5941BCSE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5941BCSE Datasheet HTML 1Page - Maxim Integrated Products MAX5941BCSE Datasheet HTML 2Page - Maxim Integrated Products MAX5941BCSE Datasheet HTML 3Page - Maxim Integrated Products MAX5941BCSE Datasheet HTML 4Page - Maxim Integrated Products MAX5941BCSE Datasheet HTML 5Page - Maxim Integrated Products MAX5941BCSE Datasheet HTML 6Page - Maxim Integrated Products MAX5941BCSE Datasheet HTML 7Page - Maxim Integrated Products MAX5941BCSE Datasheet HTML 8Page - Maxim Integrated Products MAX5941BCSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
IEEE 802.3af-Compliant Power-Over-Ethernet
Interface/PWM Controller for Power Devices
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (PWM Controller) (continued)
(All voltages referenced to V-. VDD = 13V, a 10µF capacitor connects VCC to V-, VCS = V-, V+ = 48V, 0.1µF capacitor connected to
SS_SHDN, NDRV = open circuit, OPTO = V-, TA = TMIN to +TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
V+ Shutdown Current
VSS_SHDN = 0V, V+ = 67V
190
290
µA
VDD Shutdown Current
VSS_SHDN = 0V
8
20
µA
PREREGULATORS/STARTUP
V+ Input Voltage
18
67
V
VDD Supply Voltage
13
36
V
INTERNAL REGULATORS
Powered from V+, ICC = 7.5mA, VDD = 0V
7.5
9.8
12
VCC Output Voltage
Powered from VDD, ICC = 7.5mA
9.0
10.0
11.0
V
VCC Undervoltage Lockout
VCC_UVLO
VCC falling
6.6
V
OUTPUT DRIVER
Peak Source Current
VCC = 11V (externally forced)
570
mA
Peak Sink Current
VCC = 11V (externally forced)
1000
mA
NDRV High-Side Driver
Resistance
ROH
VCC = 11V, externally forced, NDRV
sourcing 50mA
412
NDRV Low-Side Driver
Resistance
ROL
VCC = 11V, externally forced, NDRV sinking
50mA
1.6
4
PWM COMPARATOR
OPTO Input Bias Current
VOPTO = VSS_SHDN
-1.00
+1.00
µA
OPTO Control Range
23
V
Slope Compensation
VSCOMP
MAX5941A
26
mV/µs
THERMAL SHUTDOWN
Thermal Shutdown Temperature
150
°C
Thermal Hysteresis
25
°C
CURRENT LIMIT
CS Threshold Voltage
VILIM
VOPTO = 4V
419
465
510
mV
CS Input Bias Current
0V
≤ VCS ≤ 2V, VOPTO = 4V
-1
+1
µA
Current-Limit Comparator
Propagation Delay
25mV overdrive on CS, VOPTO = 4V
180
ns
CS Blanking Time
VOPTO = 4V
70
ns
OSCILLATOR
Clock Frequency Range
VOPTO = 4V
235
275
314
kHz
MAX5941A, VOPTO = 4V
75
85
Max Duty Cycle
MAX5941B, VOPTO = 4V
44
50
%
SOFT-START
SS Source Current
ISSO
VSS(SHDN) = 0V
2.0
4.6
6.5
µA
SS Sink Current
1mA
Peak Soft-Start Voltage Clamp
No external load
2.331
2.420
2.500
V
VSS_SHDN falling (Note 11)
0.25
0.37
0.41
Shutdown Threshold
VSS_SHDN rising (Note 11)
0.53
0.59
0.65
V


Similar Part No. - MAX5941BCSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941BCSE MAXIM-MAX5941BCSE Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
More results

Similar Description - MAX5941BCSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com