Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6012 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6012
Description  Precision, Low-Power, Low-Dropout,
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6012 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6012 Datasheet HTML 1Page - Maxim Integrated Products MAX6012 Datasheet HTML 2Page - Maxim Integrated Products MAX6012 Datasheet HTML 3Page - Maxim Integrated Products MAX6012 Datasheet HTML 4Page - Maxim Integrated Products MAX6012 Datasheet HTML 5Page - Maxim Integrated Products MAX6012 Datasheet HTML 6Page - Maxim Integrated Products MAX6012 Datasheet HTML 7Page - Maxim Integrated Products MAX6012 Datasheet HTML 8Page - Maxim Integrated Products MAX6012 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX6012/MAX6021/MAX6025/MAX6030/MAX6041/
MAX6045/MAX6050 precision, low-dropout, micropower
voltage references are available in miniature SOT23-3
surface-mount packages. They feature a proprietary
curvature-correction circuit and laser-trimmed thin-film
resistors that result in a low temperature coefficient of
<15ppm/°C and initial accuracy of better than 0.2%.
These devices are specified over the extended temper-
ature range.
These series-mode voltage references draw only 27µA
of quiescent supply current and can sink or source up
to 500µA of load current. Unlike conventional shunt-
mode (two-terminal) references that waste supply cur-
rent and require an external resistor, devices in the
MAX6012 family offer a supply current that’s virtually
independent of supply voltage (with only a 0.8µA/V vari-
ation with supply voltage) and do not require an external
resistor. Additionally, these internally compensated
devices do not require an external compensation
capacitor and are stable with up to 2.2nF of load capac-
itance. Eliminating the external compensation capacitor
saves valuable board area in space-critical applications.
Their low dropout voltage and supply-independent,
ultra-low supply current make these devices ideal for
battery-operated, low-voltage systems.
Applications
Hand-Held Equipment
Data Acquisition Systems
Industrial and Process-Control Systems
Battery-Operated Equipment
Hard-Disk Drives
Features
o 0.2% (max) Initial Accuracy
o 15ppm/°C (max) Temperature Coefficient
o 35µA (max) Quiescent Supply Current
o 0.8µA/V Supply Current Variation with VIN
o ±500µA Output Source and Sink Current
o 100mV Dropout at 500µA Load Current
o 0.12µV/µA Load Regulation
o 8µV/V Line Regulation
o Stable with CLOAD = 0 to 2.2nF
Precision, Low-Power, Low-Dropout,
SOT23-3 Voltage References
________________________________________________________________ Maxim Integrated Products
1
IN
+SUPPLY INPUT (SEE SELECTOR GUIDE)
OUT
REFERENCE
OUT
2.2nF MAX*
*CAPACITORS ARE OPTIONAL
GND
MAX6012
MAX6021
MAX6025
MAX6030
MAX6041
MAX6045
MAX6050
*
Typical Operating Circuit
19-4777; Rev 3; 4/01
PART
MAX6012AEUR-T
MAX6012BEUR-T
MAX6021AEUR-T -40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
3 SOT23-3
3 SOT23-3
3 SOT23-3
Ordering Information
TOP
MARK
FZAP
FZDA
FZAU
MAX6021BEUR-T
MAX6025AEUR-T
MAX6025BEUR-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
3 SOT23-3
3 SOT23-3
3 SOT23-3
FZDF
FZAQ
FZDB
MAX6041AEUR-T
MAX6041BEUR-T
-40°C to +85°C
-40°C to +85°C
3 SOT23-3
3 SOT23-3
FZAR
FZDC
Pin Configuration appears at end of data sheet.
(VOUT + 200mV) to 12.6
5.000
MAX6050
(VOUT + 200mV) to 12.6
4.500
(VOUT + 200mV) to 12.6
4.096
MAX6041
MAX6045
(VOUT + 200mV) to 12.6
2.500
MAX6025
2.5 to 12.6
2.048
2.5 to 12.6
1.247
MAX6012
MAX6021
INPUT VOLTAGE (V)
OUTPUT
VOLTAGE (V)
PART
Selector Guide
MAX6045AEUR-T -40°C to +85°C
3 SOT23-3
FZAS
MAX6045BEUR-T
-40°C to +85°C
3 SOT23-3
FZDD
MAX6050AEUR-T -40°C to +85°C
3 SOT23-3
FZAT
MAX6050BEUR-T
-40°C to +85°C
3 SOT23-3
FZDE
MAX6030AEUR-T -40°C to +85°C
3 SOT23-3
FZDW
MAX6030BEUR-T
-40°C to +85°C
3 SOT23-3
FZDX
(VOUT + 200mV) to 12.6
3.000
MAX6030
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6012 MAXIM-MAX6012 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6012AEUR-T MAXIM-MAX6012AEUR-T Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6012BEUR-T MAXIM-MAX6012BEUR-T Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
More results

Similar Description - MAX6012

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6023 MAXIM-MAX6023 Datasheet
279Kb / 13P
   Precision, Low-Power, Low-Dropout, UCSP Voltage Reference
Rev 2; 12/02
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
logo
Touchstone Semiconducto...
TSM6025 TOUCHSTONE-TSM6025 Datasheet
656Kb / 9P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
Silicon Laboratories
TSM6025 SILABS-TSM6025 Datasheet
1Mb / 10P
   A 2.5V, Low-Power/Low-Dropout Precision Voltage Reference
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Texas Instruments
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
UC2832-EP TI-UC2832-EP Datasheet
555Kb / 13P
[Old version datasheet]   PRECISION LOW DROPOUT LINEAR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com