Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5942BCSE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5942BCSE
Description  IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5942BCSE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5942BCSE Datasheet HTML 7Page - Maxim Integrated Products MAX5942BCSE Datasheet HTML 8Page - Maxim Integrated Products MAX5942BCSE Datasheet HTML 9Page - Maxim Integrated Products MAX5942BCSE Datasheet HTML 10Page - Maxim Integrated Products MAX5942BCSE Datasheet HTML 11Page - Maxim Integrated Products MAX5942BCSE Datasheet HTML 12Page - Maxim Integrated Products MAX5942BCSE Datasheet HTML 13Page - Maxim Integrated Products MAX5942BCSE Datasheet HTML 14Page - Maxim Integrated Products MAX5942BCSE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
IEEE 802.3af Power-Over-Ethernet
Interface/PWM Controller for Power Devices
______________________________________________________________________________________
11
CLASS
USAGE
RCL (
Ω)
MAXIMUM POWER USED BY PD (W)
0
Default
10k
0.44 to 12.95
1
Optional
732
0.44 to 3.84
2
Optional
392
3.84 to 6.49
3
Optional
255
6.49 to 12.95
4
Not allowed
178
Reserved*
*Class 4 reserved for future use.
Table 1. PD Power Classification/RCL Selection
Detailed Description
The MAX5942A/MAX5942B integrate a complete power
IC for powered devices (PD) in a power-over-ethernet
(PoE) system. The MAX5942A/MAX5942B provide PD
Interface and a compact DC-DC PWM controller suitable
for flyback and forward converters in either isolated or
nonisolated designs.
The MAX5942A/MAX5942B PD interface complies with
the IEEE 802.3af standard, providing the PD with a
detection signature, a classification signature, and an
integrated isolation switch with programmable inrush
current control. These devices also feature power-mode
undervoltage lockout (UVLO) with wide hysteresis, and
power-good status outputs.
An integrated MOSFET provides PD isolation during
detection and classification. The MAX5942A/MAX5942B
guarantee a leakage current offset of less than 10µA dur-
ing the detection phase. A programmable current limit
prevents high inrush current during power-on. The
devices feature power-mode UVLO with wide hysteresis
and long deglitch time to compensate for twisted-pair
cable resistive drop and to ensure glitch-free transition
between detection, classification, and power-on/off
phases. The MAX5942A/MAX5942B provide both active-
high (PGOOD) and active-low (PGOOD) outputs. Both
devices offer an adjustable UVLO threshold with a
default value compliant to the IEEE 802.3af standard.
The MAX5942A/MAX5942B are designed to work with or
without an external diode bridge in front of the PD.
Use the MAX5942A/MAX5942B PWM current-mode con-
trollers to design flyback- or forward-mode power sup-
plies. Current-mode operation simplifies control-loop
design while enhancing loop stability. An internal high-
voltage startup regulator allows the device to connect
directly to the input supply without an external startup
resistor. Current from the internal regulator starts the con-
troller. Once the tertiary winding voltage is established,
the internal regulator is switched off and bias current
for running the PWM controller is derived from the
tertiary winding. The internal oscillator is set to 275kHz
and trimmed to ±10%. This permits the use of small
magnetic components to minimize board space. Both the
MAX5942A and MAX5942B can be used in power sup-
plies providing multiple output voltages. A functional dia-
gram of the PWM controller is shown in Figure 4. Typical
application circuits for forward and flyback topologies are
shown in Figure 5 and Figure 6, respectively.
Powered Device Interface
Operating Modes
The PD front-end section of the MAX5942A/MAX5942B
operates in three different modes: PD detection signa-
ture, PD classification, and PD power, depending on its
input voltage (VIN = GND - VEE). All voltage thresholds
are designed to operate with or without the optional
diode bridge while still complying with the IEEE 802.3af
standard (see Application Circuit 1).
Detection Mode (1.4V
≤ VIN ≤ 10.1V)
In detection mode, the power source equipment (PSE)
applies two voltages on VIN in the range of 1.4V to
10.1V (1V step minimum), and then records the current
measurements at the two points. The PSE then com-
putes
∆V/∆I to ensure the presence of the 25.5kΩ sig-
nature
resistor.
In
this
mode,
most
of
the
MAX5942A/MAX5942B internal circuitry is off and the
offset current is less than 10µA.
If the voltage applied to the PD is reversed, install pro-
tection diodes on the input terminal to prevent internal
damage to the MAX5942A/MAX5942B (see Figures 8
and 9). Since the PSE uses a slope technique (
∆V/∆I) to
calculate the signature resistance, the DC offset due to
the protection diodes is subtracted and does not affect
the detection process.
Classification Mode (12.6V
≤ VIN ≤ 20V)
In the classification mode, the PSE classifies the PD
based on the power consumption required by the PD.
This allows the PSE to efficiently manage power distribu-
tion. The IEEE 802.3af standard defines five different
classes as shown in Table 1. An external resistor (RCL)
connected from RCL to VEE sets the classification current.


Similar Part No. - MAX5942BCSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5942BCSE MAXIM-MAX5942BCSE Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
More results

Similar Description - MAX5942BCSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com