Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6018 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6018
Description  Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6018 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6018 Datasheet HTML 1Page - Maxim Integrated Products MAX6018 Datasheet HTML 2Page - Maxim Integrated Products MAX6018 Datasheet HTML 3Page - Maxim Integrated Products MAX6018 Datasheet HTML 4Page - Maxim Integrated Products MAX6018 Datasheet HTML 5Page - Maxim Integrated Products MAX6018 Datasheet HTML 6Page - Maxim Integrated Products MAX6018 Datasheet HTML 7Page - Maxim Integrated Products MAX6018 Datasheet HTML 8Page - Maxim Integrated Products MAX6018 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX6018 is a precision, low-voltage, low-dropout,
micropower voltage reference in a SOT23 package. This
three-terminal reference operates with an input voltage
from (VOUT + 200mV) to 5.5V, and is available with out-
put voltage options of 1.2V, 1.6V, 1.8V, and 2.048V
The MAX6018 voltage reference consumes less than
5µA (max) of supply current and can source and sink
up to 1mA of load current. Unlike conventional shunt-
mode (two-terminal) references that waste supply cur-
rent and require an external resistor, devices in the
MAX6018 family offer a supply current that is virtually
independent of supply voltage (with only 0.1µA/V varia-
tion with supply voltage) and do not require an external
resistor. The MAX6018 has initial accuracies of 0.2% (A
grade) and 0.4% (B grade) and temperature drift of
50ppm/°C (max). The low-dropout voltage and the
ultra-low, supply voltage-independent supply current
make this device ideal for two-cell alkaline, end-of-life,
battery-monitoring systems. The MAX6018 is available
in a tiny 3-pin SOT23 package.
Applications
Two-Cell, Battery-Operated Systems
Battery-Operated Equipment
Hand-Held Equipment
Data-Acquisition Systems
Industrial and Process-Control Systems
Features
o Ultra-Low Supply Current: 5µA (max)
o 1.6V Output from 1.8V Input
o Ultra-Small, 3-Pin SOT23 Package
o Initial Accuracy: ±0.2% (max)
o Low Temperature Drift: 50ppm/°C (max)
o 200mV Dropout Voltage
o Load Regulation (1mA Source): 700µV/mA (max)
o Line Regulation (VOUT + 200mV) to 5.5V: 250µV/V
(max)
o Four Output Voltage Options: 1.2V, 1.6V,
1.8V, 2.048V
Precision, Micropower, 1.8V Supply,
Low-Dropout, SOT23 Voltage Reference
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
*
IN
VCC
OUT
REFERENCE
OUT
GND
MAX6018
*OPTIONAL
1
µF, MAX*
Typical Application Circuit
19-2211; Rev 2; 12/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX6018AEUR12-T -40°C to +85°C
3 SOT23-3
FZJH
MAX6018BEUR12-T -40°C to +85°C
3 SOT23-3
FZJI
MAX6018AEUR16-T -40°C to +85°C
3 SOT23-3
FZJJ
MAX6018BEUR16-T -40°C to +85°C
3 SOT23-3
FZJK
MAX6018AEUR18-T -40°C to +85°C
3 SOT23-3
FZJL
MAX6018BEUR18-T -40°C to +85°C
3 SOT23-3
FZJM
MAX6018AEUR21-T -40°C to +85°C
3 SOT23-3
FZJN
MAX6018BEUR21-T -40°C to +85°C
3 SOT23-3
FZJO
Selector Guide
PART
OUTPUT
VOLTAGE (V)
INITIAL
ACCURACY (%)
MAX6018AEUR12
1.263
±0.2
MAX6018BEUR12
1.263
±0.4
MAX6018AEUR16
1.600
±0.2
MAX6018BEUR16
1.600
±0.4
MAX6018AEUR18
1.800
±0.2
MAX6018BEUR18
1.800
±0.4
MAX6018AEUR21
2.048
±0.2
MAX6018BEUR21
2.048
±0.4
OUT
1
3
GND
IN
MAX6018
SOT23
TOP VIEW
2
Pin Configuration


Similar Part No. - MAX6018

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6018AEUR12+T MAXIM-MAX6018AEUR12+T Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6018AEUR16+T MAXIM-MAX6018AEUR16+T Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6018AEUR18+T MAXIM-MAX6018AEUR18+T Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6018AEUR21+T MAXIM-MAX6018AEUR21+T Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results

Similar Description - MAX6018

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM4121 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com